Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IPE020V1 Datasheet (PDF) - STMicroelectronics

STEVAL-IPE020V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-IPE020V1
Download  STEVAL-IPE020V1 Download
File Size   294.42 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single phase electricity meter with dual EEPROM M24LR64 and STPM10 and STM8L152

STEVAL-IPE020V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IPE020V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-IPE020V1
Download  STEVAL-IPE020V1 Click to download

File Size   294.42 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single phase electricity meter with dual EEPROM M24LR64 and STPM10 and STM8L152

STEVAL-IPE020V1 Datasheet (HTML) - STMicroelectronics


STEVAL-IPE020V1 Product details

Description
The STEVAL-IPE020V1 demonstration board implements a single-phase energy meter based on the STPM10 metering IC and STM8L152 microcontroller. The demonstration board is a fully functional single-phase solution with parameter display, tamper management, maximum demand (MD) calculation, EEPROM data logging, and low power management. The metering data stored in the dual EEPROM can be read using the RFID reader.

Features
■ Accuracy: class 1 with dynamic range 200:1
■ Nominal voltage: 240 V
■ Nominal current: 10 A (ITYP)
■ Maximum current: 80 A (IMAX)
■ Operating range: 0.6 Vb to 1.2 Vb
■ Meter constant: 3200 impulses/kWh
■ Power frequency range: 45 Hz to 65 Hz
■ Sensor: primary side CT and secondary side Shunt
■ Communication interface: IrDA
■ RoHS compliant




Similar Part No. - STEVAL-IPE020V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPE002V1 STMICROELECTRONICS-STEVAL-IPE002V1 Datasheet
225Kb / 4P
Electricity Meter (mono phase) - Measurement Board 2 Current Transformers
January 2006 Rev 1
STEVAL-IPE004V1 STMICROELECTRONICS-STEVAL-IPE004V1 Datasheet
191Kb / 4P
Electricity Meter (mono phase) - Measurement Board 1 Shunt
12-Jan-2006
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
STEVAL-IPE006V2 STMICROELECTRONICS-STEVAL-IPE006V2 Datasheet
593Kb / 7P
High end meter Demonstration board
13-Jul-2006
STEVAL-IPE007V1 STMICROELECTRONICS-STEVAL-IPE007V1 Datasheet
155Kb / 8P
Mono-phase energy meter based on ST7Flite
20-Jul-2007
More results


Similar Description - STEVAL-IPE020V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPE004V1 STMICROELECTRONICS-STEVAL-IPE004V1 Datasheet
191Kb / 4P
Electricity Meter (mono phase) - Measurement Board 1 Shunt
12-Jan-2006
logo
Silan Microelectronics ...
SC7751S SILAN-SC7751S Datasheet
597Kb / 9P
ELECTRONIC POWER METER IC WITH ELECTRICITY PROOF
SC7755S SILAN-SC7755S Datasheet
618Kb / 9P
ELECTRICITY POWER METER CIRCUIT
logo
STMicroelectronics
DATALOG-M24LR-A STMICROELECTRONICS-DATALOG-M24LR-A Datasheet
68Kb / 4P
Datalogger reference board for the M24LR64-R Dual Interface EEPROM
26-Oct-2010
STEVAL-IHP004V1 STMICROELECTRONICS-STEVAL-IHP004V1 Datasheet
292Kb / 4P
High-end smartplug systems to measure and control AC loads based on the SPZB32W1A2.1, STPM10, T2035H and M24LR64
11-Jun-2012
logo
Maxim Integrated Produc...
MAX71020 MAXIM-MAX71020 Datasheet
1Mb / 37P
Single-Chip Electricity Meter AFE
Rev 0; 7/12
MAX71020 MAXIM-MAX71020_13 Datasheet
1Mb / 35P
Single-Chip Electricity Meter AFE
Rev 1; 1/13
logo
STMicroelectronics
STEVAL-IPE002V1 STMICROELECTRONICS-STEVAL-IPE002V1 Datasheet
225Kb / 4P
Electricity Meter (mono phase) - Measurement Board 2 Current Transformers
January 2006 Rev 1
EVALSTPM-3PHISO STMICROELECTRONICS-EVALSTPM-3PHISO Datasheet
291Kb / 4P
Three-phase full shunt electricity meter evaluation board based on STPMS2, STISO621W and STM32F413RH
Rev 1 - October 2020
logo
Maxim Integrated Produc...
MAX71313L MAXIM-MAX71313L Datasheet
104Kb / 3P
ZON M1L/M1 Single-Phase Electricity Meter SoC
1 /12 /2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com