Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IPMNG3Q Datasheet (PDF) - STMicroelectronics

STEVAL-IPMNG3Q Datasheet PDF - STMicroelectronics
Part # STEVAL-IPMNG3Q
Download  STEVAL-IPMNG3Q Download
File Size   337.61 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Motor control power board based on the SLLIMM-nano 2nd series

STEVAL-IPMNG3Q Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-IPMNG3Q Datasheet PDF - STMicroelectronics

Part # STEVAL-IPMNG3Q
Download  STEVAL-IPMNG3Q Click to download

File Size   337.61 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Motor control power board based on the SLLIMM-nano 2nd series

STEVAL-IPMNG3Q Datasheet (HTML) - STMicroelectronics


STEVAL-IPMNG3Q Product details

Description
The STEVAL-IPMNG3Q is a compact motor drive power board based on SLLIMM™-nano (small low-loss intelligent molded module) 2nd series product ( STGIPQ3H60T-H) . It provides an affordable and easy-to-use solution for driving high power motors in a wide range of applications such as power white goods, air conditioning, compressors, power fans and 3-phase inverters for motor drives in general. The IPM itself consists of short-circuit rugged IGBTs and a wide range of features like undervoltage lockout, smart shutdown, internal temperature sensor and NTC, overcurrent protection and internal op-amp. The main characteristics of this evaluation board are small size, minimal BOM and high efficiency. It features an interface circuit (BUS and VCC connectors), bootstrap capacitors, snubber capacitor, hardware short-circuit protection, fault event signal and temperature monitoring. It is designed to work in single- or three-shunt configuration and with triple current sensing options: three dedicated on-board op-amps, opamps embedded on MCU or single internal IPM op-amp. The Hall/Encoder part completes the circuit. The system is designed to achieve accurate and fast conditioning of current feedback to satisfy the typical requirements for field oriented control (FOC). The STEVAL-IPMNG3Q is compatible with ST’s control board based on STM32, providing a complete platform for motor control.




Similar Part No. - STEVAL-IPMNG3Q

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPM10B STMICROELECTRONICS-STEVAL-IPM10B Datasheet
1Mb / 9P
1200 W motor control power board based on STGIB10CH60TS-L SLLIMM™2nd series IPM
Rev 4 - September 2019
More results


Similar Description - STEVAL-IPMNG3Q

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHM025V1 STMICROELECTRONICS-STEVAL-IHM025V1 Datasheet
246Kb / 8P
1 kW 3-phase motor control demonstration board featuring the IGBT SLLIMM??STGIPL14K60
26-Apr-2011
STEVAL-IHM029V1 STMICROELECTRONICS-STEVAL-IHM029V1 Datasheet
147Kb / 4P
2000 W universal motor control demonstration board based on the STM8S103F2 MCU and T1235H Triac
11-Jun-2010
STEVAL-IHM035V1 STMICROELECTRONICS-STEVAL-IHM035V1 Datasheet
146Kb / 6P
3-phase high voltage inverter power board for FOC and scalar motor control based on the STGIPN3H60 (SLLIMM??nano)
12-Apr-2012
STEVAL-IHM036V1 STMICROELECTRONICS-STEVAL-IHM036V1 Datasheet
314Kb / 6P
Low power motor control board featuring the SLLIMM??STGIPN3H60 and MCU STM32F100C6T6B
14-May-2012
STEVAL-IHM035V2 STMICROELECTRONICS-STEVAL-IHM035V2 Datasheet
250Kb / 6P
3-phase high voltage inverter power board for FOC and scalar motor control based on the STGIPN3H60 (SLLIMM™nano)
22-Aug-2012
STEVAL-IHM040V1 STMICROELECTRONICS-STEVAL-IHM040V1 Datasheet
449Kb / 6P
BLDC/PMSM driver demonstration board based on STM32 and the SLLIMM™nano
19-Dec-2012
STEVAL-IHM042V1 STMICROELECTRONICS-STEVAL-IHM042V1 Datasheet
421Kb / 8P
Compact, low-voltage dual motor control evaluation board based on the STM32F303CC and L6230
26-Mar-2015
STEVAL-IHM045V1 STMICROELECTRONICS-STEVAL-IHM045V1 Datasheet
353Kb / 7P
3-phase high voltage inverter power board for FOC based on the STGIPN3H60A (SLLIMM™ nano)
May 2014 Rev 1
STEVAL-IHT001V1 STMICROELECTRONICS-STEVAL-IHT001V1 Datasheet
116Kb / 4P
Thermostat control demonstration board for refrigerators, based on the ST7Lite39
September 2010 Rev 1
STEVAL-IPM10B STMICROELECTRONICS-STEVAL-IPM10B Datasheet
1Mb / 9P
1200 W motor control power board based on STGIB10CH60TS-L SLLIMM™2nd series IPM
Rev 4 - September 2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com