Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA013V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA013V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA013V1
Download  STEVAL-ISA013V1 Download
File Size   105.53 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Output short circuit protection

STEVAL-ISA013V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA013V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA013V1
Download  STEVAL-ISA013V1 Click to download

File Size   105.53 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Output short circuit protection

STEVAL-ISA013V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA013V1 Product details

Description
This evaluation board is an off-line wide range dual output general-purpose power supply capable of delivering up to 24W through two outputs, +5V and +12V. The board is configured for secondary regulation with optocoupler feedback. Other output voltages can easily be achieved by changing the transformer and a few components on the board, as shown in the application note. Transformers are readily available for the following configurations: ■ 5V/12V ■ 5V/15V ■ 5V/24V ST components ■ VIPer53 ■ STTA106 ■ BYW98-200 ■ TL431A ■ STPS5L40 ■ 1.5KE220A STEVAL-ISA013V1

Features
■ Switch mode general purpose power supply
■ Input: 85 to 264Vac @ 50/60Hz
■ Output: 12V @ 1A & 5V @ 2.4A
■ Output power (peak) : 24W
■ Switching frequency 100kHz
■ Current mode control
■ 75% efficiency
■ Auxiliary undervoltage lockout with hysteresis
■ Output short circuit protection




Similar Part No. - STEVAL-ISA013V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA010V1 STMICROELECTRONICS-STEVAL-ISA010V1 Datasheet
188Kb / 4P
Ultra wide range dual output back converter demonstration board based on the VIPER16
06-May-2009
STEVAL-ISA011V1 STMICROELECTRONICS-STEVAL-ISA011V1 Datasheet
95Kb / 4P
VIPER12ADIP-E low power AC/DC adapter demonstration board (suitable for the STEVAL-ILL002V1)
23-Sep-2010
STEVAL-ISA012V1 STMICROELECTRONICS-STEVAL-ISA012V1 Datasheet
92Kb / 4P
3 phase power supply with VIPer and Power MOSFETs
28-Nov-2007
STEVAL-ISA014V1 STMICROELECTRONICS-STEVAL-ISA014V1 Datasheet
95Kb / 5P
VIPer12A travel adaptor 3.6W output
23-Mar-2006
STEVAL-ISA015V2 STMICROELECTRONICS-STEVAL-ISA015V2 Datasheet
93Kb / 4P
Safety compliant in accordance with EN60950
29-Nov-2007
More results


Similar Description - STEVAL-ISA013V1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7209-3R INFINEON-TLE7209-3R Datasheet
676Kb / 32P
Short circuit protection
logo
SynQor Worldwide Headqu...
MQME-28E-T SYNQOR-MQME-28E-T Datasheet
6Mb / 17P
Output current limit for short-circuit protection
PQ60033SMX15 SYNQOR-PQ60033SMX15 Datasheet
909Kb / 15P
Output current limit and short circuit protection
PQ60150SMX03 SYNQOR-PQ60150SMX03 Datasheet
904Kb / 15P
Output current limit and short circuit protection
SQ60120EPB25 SYNQOR-SQ60120EPB25 Datasheet
2Mb / 14P
Output current limit and short circuit protection
SQ60120ETA17 SYNQOR-SQ60120ETA17 Datasheet
2Mb / 14P
Output current limit and short circuit protection
logo
STMicroelectronics
STEVAL-ILL063V1 STMICROELECTRONICS-STEVAL-ILL063V1 Datasheet
239Kb / 4P
Short-circuit protection
17-Dec-2014
logo
Delta Electronics, Inc.
IPM DELTA-IPM Datasheet
746Kb / 15P
Output short circuit protection
IPM24S0C0 DELTA-IPM24S0C0 Datasheet
690Kb / 12P
Output short circuit protection
IPM12C0A0R DELTA-IPM12C0A0R Datasheet
769Kb / 15P
Output short circuit protection
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com