Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA015V2 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA015V2 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA015V2
Download  STEVAL-ISA015V2 Download
File Size   93.37 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Safety compliant in accordance with EN60950

STEVAL-ISA015V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA015V2 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA015V2
Download  STEVAL-ISA015V2 Click to download

File Size   93.37 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Safety compliant in accordance with EN60950

STEVAL-ISA015V2 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA015V2 Product details

Description
This is a dedicated evaluation board using emitter switched bipolar transistors (ESBTs) featuring the high-power, wide input range requirement of the highly demanding industrial market. The maximum output power is 100 W. The need to handle both high output power and wide input voltage leads to the design of a flyback topology. The flyback converter is a popular choice in applications where the required power is normally less than 200 W. The main reasons for its popularity are its simplicity, low cost and high efficiency despite a small number of active components. This evaluation board provides a solution for a power supply solution for 3-phase applications such as inverters for induction motors, welding machines, and UPS. STEVAL-ISA015V2

Features
■ Input voltage: 400 VAC +/- 20%
■ Output power: 100 W
■ High efficiency (90%)
■ Switching frequency: 50-85 kHz
■ Safety compliant in accordance with EN60950




Similar Part No. - STEVAL-ISA015V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA010V1 STMICROELECTRONICS-STEVAL-ISA010V1 Datasheet
188Kb / 4P
Ultra wide range dual output back converter demonstration board based on the VIPER16
06-May-2009
STEVAL-ISA011V1 STMICROELECTRONICS-STEVAL-ISA011V1 Datasheet
95Kb / 4P
VIPER12ADIP-E low power AC/DC adapter demonstration board (suitable for the STEVAL-ILL002V1)
23-Sep-2010
STEVAL-ISA012V1 STMICROELECTRONICS-STEVAL-ISA012V1 Datasheet
92Kb / 4P
3 phase power supply with VIPer and Power MOSFETs
28-Nov-2007
STEVAL-ISA013V1 STMICROELECTRONICS-STEVAL-ISA013V1 Datasheet
105Kb / 5P
Output short circuit protection
20-Jul-2007
STEVAL-ISA014V1 STMICROELECTRONICS-STEVAL-ISA014V1 Datasheet
95Kb / 5P
VIPer12A travel adaptor 3.6W output
23-Mar-2006
More results


Similar Description - STEVAL-ISA015V2

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65815 EPCOS-B65815 Datasheet
216Kb / 7P
RM 12 In accordance with IEC 60431
B65887 EPCOS-B65887 Datasheet
186Kb / 6P
RM 14 In accordance with IEC 60431
B65531 EPCOS-B65531 Datasheet
122Kb / 5P
In accordance with IEC 60133
logo
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
Approved to IEC/EN60950, UL60950 Safety Standards
logo
ATMEL Corporation
AT7908E ATMEL-AT7908E_14 Datasheet
751Kb / 50P
Designed in Accordance with CAN Specification 2.0B
logo
Laird Tech Smart Techno...
EMI-EU010 LSTD-EMI-EU010 Datasheet
56Kb / 5P
Prepared in accordance with Regulation
TGREASE-880 LSTD-TGREASE-880 Datasheet
93Kb / 4P
Prepared in accordance with OSHA Hazard communication
logo
STMicroelectronics
STEVAL-ISA019V1 STMICROELECTRONICS-STEVAL-ISA019V1 Datasheet
84Kb / 4P
Safety compliant according EN60950
29-Nov-2007
logo
Nexperia B.V. All right...
74AHC2G32-Q100 NEXPERIA-74AHC2G32-Q100 Datasheet
212Kb / 11P
Automotive product qualification in accordance with AEC-Q100
74AHC86-Q100 NEXPERIA-74AHC86-Q100 Datasheet
705Kb / 15P
Automotive product qualification in accordance with AEC-Q100
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com