Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA019V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA019V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA019V1
Download  STEVAL-ISA019V1 Download
File Size   84.87 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Safety compliant according EN60950

STEVAL-ISA019V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA019V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA019V1
Download  STEVAL-ISA019V1 Click to download

File Size   84.87 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Safety compliant according EN60950

STEVAL-ISA019V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA019V1 Product details

Description
This evaluation board is a 3-phase auxiliary power supply with an 80 W dual output SMPS, using the L6565 PWM driver and the STC04IE170HV ESBT as the main switch. The combination of these ST devices provides a high-efficiency solution for high DC input voltage, a typical requirement for any three-phase application. The necessity to handle both high output power and wide input voltage is satisfied using a flyback stage working in mixed operation mode: discontinuous and continuous. STEVAL-ISA019V1

Features
■ 3-phase 80 W auxiliary output SMPS
■ Quasi-resonant SMPS
■ Input: 180 VAC 600 VAC
■ Output voltage 24 V, 3.3 A
■ Maximum output power 80 W
■ Efficiency > 80%
■ Switching frequency > 50 kHz
■ Safety compliant according EN60950
■ Feedback: secondary regulation




Similar Part No. - STEVAL-ISA019V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA019V3 STMICROELECTRONICS-STEVAL-ISA019V3 Datasheet
107Kb / 4P
80 W ESBT quasi-resonant wide-range SMPS demonstration board based on the L6565 for 3-phase applications
28-Apr-2011
More results


Similar Description - STEVAL-ISA019V1

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
Approved to IEC/EN60950, UL60950 Safety Standards
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
logo
List of Unclassifed Man...
D6X39B182 ETC2-D6X39B182 Datasheet
920Kb / 6P
SAFETY DATA SHEET ACCORDING TO (EC)
logo
MERITEK ELECTRONICS COR...
SF MERITEK-SF Datasheet
65Kb / 1P
Segmented metallized film material, safety-compliant
logo
Recom International Pow...
RPA120H-RW RECOM-RPA120H-RW Datasheet
1Mb / 7P
UL, IEC/EN60950-1 & EN50155 Pending
logo
SynQor Worldwide Headqu...
PQ60050EKX10 SYNQOR-PQ60050EKX10 Datasheet
1Mb / 15P
TUV certified to EN60950-1
logo
Bel Fuse Inc.
ABC350-1T12L BEL-ABC350-1T12L Datasheet
941Kb / 6P
Approved to EN60950-1 2nd Edition
logo
STMicroelectronics
STEVAL-ISA015V2 STMICROELECTRONICS-STEVAL-ISA015V2 Datasheet
93Kb / 4P
Safety compliant in accordance with EN60950
29-Nov-2007
logo
PHOENIX CONTACT
UNIFOX-PE-VDE-DB PHOENIX-UNIFOX-PE-VDE-DB Datasheet
54Kb / 2P
Individually tested safety tools according to DIN EN 60900 (VDE 0682??01)
2900566 PHOENIX-2900566 Datasheet
94Kb / 8P
Safety level according to IEC 61508-1: SIL 3, ISO 13849: PL e
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com