Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA028V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA028V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA028V1
Download  STEVAL-ISA028V1 Download
File Size   125.11 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Customizable output voltage

STEVAL-ISA028V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA028V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA028V1
Download  STEVAL-ISA028V1 Click to download

File Size   125.11 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Customizable output voltage

STEVAL-ISA028V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA028V1 Product details

Description
This evaluation board demonstrates the key features of STMicroelectronics’ L6727, a new powerful new buck controller. The L6727 makes the design of complete step-down voltage regulators simple and cost effective. It provides a full solution by integrating a 0.8 V reference, control logic and protection, and NMOS drivers in an 8-pin package. The L6727 evaluation board implements a step-down DC/DC converter in a four-layer PCB and demonstrates the operation of the device in a general-purpose application. The input voltage can range from 5 V to 12 V and the output voltage is fixed at 1.25 V. The application can deliver an output current up to 20 A. Airflow must be applied with current higher than 18 A (@VIN = 5 V). The switching frequency is 300 kHz. STEVAL-ISA028V1

Features
■ BOM optimized for 12 V input / 1.25 V output @ 20 A
■ High flexibility to host wide range designs
■ Customizable output voltage
■ L6726A / L6727 compatibility
■ Controller input voltage (VCC) range from 5 V to 12 V
■ Conversion input voltage (VIN) up to 13.2 V
■ DPAK / SO-8 / PowerSO-8 / PowerFLAT MOSFET compatibility
■ Multi-footprint for input and output capacitors
■ Through-hole / SMD inductor compatibility
■ 4-layer PCB




Similar Part No. - STEVAL-ISA028V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA020V1 STMICROELECTRONICS-STEVAL-ISA020V1 Datasheet
126Kb / 6P
3.5 W battery charger demonstration board based on the VIPer12AS-E and TSM101
07-Jul-2008
STEVAL-ISA022V1 STMICROELECTRONICS-STEVAL-ISA022V1 Datasheet
165Kb / 4P
Total maximum output power: 5.5 W
03-Dec-2007
STEVAL-ISA023V1 STMICROELECTRONICS-STEVAL-ISA023V1 Datasheet
139Kb / 4P
Flyback AC-DC converter evaluation board based on the VIPer53-E
03-Dec-2007
STEVAL-ISA023V2 STMICROELECTRONICS-STEVAL-ISA023V2 Datasheet
93Kb / 4P
Flyback AC-DC converter evaluation board based on the VIPer53-E with 24 W negative output
03-Dec-2007
STEVAL-ISA024V1 STMICROELECTRONICS-STEVAL-ISA024V1 Datasheet
84Kb / 4P
20 A step-down DC-DC converter demonstration board with 3.3 Vout and 250 kHz switching frequency, based on the L6725
02-Sep-2008
More results


Similar Description - STEVAL-ISA028V1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91CAP9S500A ATMEL-AT91CAP9S500A Datasheet
888Kb / 52P
Customizable Microcontroller Processor
AT91CAP9S500A_0711 ATMEL-AT91CAP9S500A_0711 Datasheet
1Mb / 58P
Customizable Microcontroller Processor
AT91CAP7S450A ATMEL-AT91CAP7S450A Datasheet
1Mb / 51P
Customizable Microcontroller
AT91CAP9SC500A ATMEL-AT91CAP9SC500A Datasheet
1Mb / 60P
Customizable Microcontroller Processor
AT91CAP7E ATMEL-AT91CAP7E Datasheet
10Mb / 520P
Customizable Microcontroller
AT91CAP7S450A ATMEL-AT91CAP7S450A_09 Datasheet
1Mb / 47P
Customizable Microcontroller
AT91CAP7L200A ATMEL-AT91CAP7L200A Datasheet
1Mb / 47P
Customizable Microcontroller
AT91CAP9S500A ATMEL-AT91CAP9S500A_1 Datasheet
17Mb / 1137P
Customizable Microcontroller Processor
AT91CAP7S450A ATMEL-AT91CAP7S450A_1 Datasheet
10Mb / 517P
Customizable Microcontroller
logo
Exar Corporation
XRP7720 EXAR-XRP7720 Datasheet
1Mb / 28P
Quad Output Universal Customizable PMIC with PFM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com