Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA049V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA049V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA049V1
Download  STEVAL-ISA049V1 Download
File Size   172.84 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Synchronous rectification

STEVAL-ISA049V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA049V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA049V1
Download  STEVAL-ISA049V1 Click to download

File Size   172.84 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Synchronous rectification

STEVAL-ISA049V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA049V1 Product details

Description
This demonstration board is based on the ST2S06A, a dual synchronous step-down DC-DC converter optimized for powering low-voltage digital cores in ODD applications and, generally, used to replace the high current linear solution when the power dissipation may cause a high heating of the application environment. It provides up to 0.5 A over an input voltage range of 2.5 V to 5.5 V. A high switching frequency (1.5 MHz) allows the use of tiny surface-mount components. A resistor divider to set the output voltage value, an inductor and two capacitors are required for every channel. In addition, a low output ripple is guaranteed by the current mode PWM topology and by the use of low ESR surface-mount ceramic capacitors. The demonstration board is thermal protected and current limited to prevent damage due to accidental short-circuit. STEVAL-ISA049V1

Features
■ Step-down current mode PWM (1.5 MHz) DC-DC converter
■ Fixed or adjustable output voltage from 0.8 V
■ 2% DC output voltage tolerance
■ Synchronous rectification
■ Reset function
■ Internal soft start for start-up current limitation and power ON delay of 50-100 µs
■ Typical efficiency: > 90%
■ 0.5 A output current capability
■ Non-switching quiescent current: max 1 mA over temperature range
■ RDS(on) 150 mΩ (typ.)
■ Uses tiny capacitors and inductors
■ RoHS compliant




Similar Part No. - STEVAL-ISA049V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA049V2 STMICROELECTRONICS-STEVAL-ISA049V2 Datasheet
170Kb / 4P
Synchronous dual buck converter with inhibit demonstration board based on the ST2S06B
01-Jul-2009
More results


Similar Description - STEVAL-ISA049V1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6204 FAIRCHILD-FAN6204 Datasheet
814Kb / 14P
Synchronous Rectification Controller
logo
International Rectifier
IRF3703PBF IRF-IRF3703PBF_15 Datasheet
188Kb / 9P
Synchronous Rectification
IRF7171MPBF IRF-IRF7171MPBF_15 Datasheet
751Kb / 11P
Optimized for Synchronous Rectification
IRFP3703PBF IRF-IRFP3703PBF_15 Datasheet
220Kb / 9P
Synchronous Rectification
logo
STMicroelectronics
STEVAL-ISA055V1 STMICROELECTRONICS-STEVAL-ISA055V1 Datasheet
78Kb / 4P
Synchronous rectification
18-Sep-2008
STODD01 STMICROELECTRONICS-STODD01 Datasheet
1Mb / 31P
Synchronous rectification
28-Feb-2011
ST2S06 STMICROELECTRONICS-ST2S06 Datasheet
339Kb / 18P
Synchronous rectification
22-May-2013
logo
ON Semiconductor
FAN6204A ONSEMI-FAN6204A Datasheet
1Mb / 16P
Synchronous Rectification Controller
March 2017 Rev. 1.1
logo
Recom International Pow...
R-723.3X RECOM-R-723.3X Datasheet
113Kb / 5P
Synchronous rectification design
logo
ON Semiconductor
FAN6224 ONSEMI-FAN6224 Datasheet
1Mb / 20P
Synchronous Rectification Controller
September 2015 Rev. 1.4
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com