Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STODD01 Datasheet (PDF) - STMicroelectronics

STODD01 Datasheet PDF - STMicroelectronics
Part # STODD01
Download  STODD01 Download
File Size   1502.6 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Synchronous rectification

STODD01 Datasheet (PDF)

Go To PDF Page Download Datasheet
STODD01 Datasheet PDF - STMicroelectronics

Part # STODD01
Download  STODD01 Click to download

File Size   1502.6 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Synchronous rectification

STODD01 Datasheet (HTML) - STMicroelectronics


STODD01 Product details

Description
The STODD01 is a complete power management for Blu-Ray, based on high density optical storage devices. It integrates two step-down converters and one step-up. The step-down converters are optimized for powering low-voltage digital core, up to 0.8 A, in ODD applications and, generally, to replace the high current linear solution when power dissipation may cause a high heating of the application environment. The step-up provides the necessary voltage to supply the blue laser in mobile applications where only 5 V is available. The output voltage is programmable by using the S-Wire protocol, in the range of 6.5 V to 14 V, with a current capability of 0.7 A. The integrated low RDSon for N-channel and P-channel MOSFET switches contribute to obtaining high efficiency. The enable function for the step-up section, and reset function for monitoring the input voltage, make the device particularly suitable for optical storage applications. The high switching frequency (1.2 MHz typ.) allows the use of tiny surface mounted components. Furthermore, a low output ripple is achieved by the current mode PWM topology and by the use of X7R or X5R low ESR SMD ceramic capacitors. The device includes soft-start control, thermal shutdown, and peak current limit, to prevent damage due to accidental overload. The STODD01 is packaged in QFN16 (4 x 4 mm.). QFN16L (4 x 4 mm.)

Features
■ 1.2 MHz DC-DC current mode PWM converter
■ Dual step-down of up to 800 mA
■ Single step-up of up to 700 mA
■ 2 % DC output voltage tolerance for step-down
■ 3 % DC output voltage tolerance for step-up
■ Programmable step-up output voltage by S- WIRE
■ Synchronous rectification
■ Power save mode at light load for step-down
■ Typical efficiency: > 90 %
■ Internal soft start with controlled inrush current
■ Reset function
■ Enable function for step-up
■ True cut-off function for step-up
■ Low switching quiescent current: max 2.2 mA overtemperature range
■ Uses tiny capacitors and inductors
■ Available in QFN16 (4 x 4 mm.)




Similar Part No. - STODD01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STODD03 STMICROELECTRONICS-STODD03 Datasheet
612Kb / 16P
Monolithic 2-channel power management for high-definition ODD with integrated power switch
August 2011 Rev 1
STODD03PQR STMICROELECTRONICS-STODD03PQR Datasheet
612Kb / 16P
Monolithic 2-channel power management for high-definition ODD with integrated power switch
August 2011 Rev 1
More results


Similar Description - STODD01

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6204 FAIRCHILD-FAN6204 Datasheet
814Kb / 14P
Synchronous Rectification Controller
logo
International Rectifier
IRF3703PBF IRF-IRF3703PBF_15 Datasheet
188Kb / 9P
Synchronous Rectification
IRF7171MPBF IRF-IRF7171MPBF_15 Datasheet
751Kb / 11P
Optimized for Synchronous Rectification
IRFP3703PBF IRF-IRFP3703PBF_15 Datasheet
220Kb / 9P
Synchronous Rectification
logo
STMicroelectronics
STEVAL-ISA049V1 STMICROELECTRONICS-STEVAL-ISA049V1 Datasheet
172Kb / 4P
Synchronous rectification
01-Jul-2009
STEVAL-ISA055V1 STMICROELECTRONICS-STEVAL-ISA055V1 Datasheet
78Kb / 4P
Synchronous rectification
18-Sep-2008
ST2S06 STMICROELECTRONICS-ST2S06 Datasheet
339Kb / 18P
Synchronous rectification
22-May-2013
logo
ON Semiconductor
FAN6204A ONSEMI-FAN6204A Datasheet
1Mb / 16P
Synchronous Rectification Controller
March 2017 Rev. 1.1
logo
Recom International Pow...
R-723.3X RECOM-R-723.3X Datasheet
113Kb / 5P
Synchronous rectification design
logo
ON Semiconductor
FAN6224 ONSEMI-FAN6224 Datasheet
1Mb / 20P
Synchronous Rectification Controller
September 2015 Rev. 1.4
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com