Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STODD01 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STODD01
Description  Synchronous rectification
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STODD01 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STODD01 Datasheet HTML 6Page - STMicroelectronics STODD01 Datasheet HTML 7Page - STMicroelectronics STODD01 Datasheet HTML 8Page - STMicroelectronics STODD01 Datasheet HTML 9Page - STMicroelectronics STODD01 Datasheet HTML 10Page - STMicroelectronics STODD01 Datasheet HTML 11Page - STMicroelectronics STODD01 Datasheet HTML 12Page - STMicroelectronics STODD01 Datasheet HTML 13Page - STMicroelectronics STODD01 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
S-wire protocol
STODD01
10/31
Doc ID 17789 Rev 2
6
S-wire protocol
Note:
These are recommended values for proper operation of the S-wire interface.
The S-wire input pin is able to detect pulses also outside these ranges. Consequently, care
must be taken to avoid noise injected into the S-wire pin.
Table 8.
Timing
Parameter
Symbol
Min.
Typ.
Max.
Unit
S-Wire signal start (see Figure 5, 6, 7, 8)tSW_START
300
500
µs
S-Wire signal stop (see Figure 5, 6, 7, 8)tSW_STOP
300
500
µs
S-Wire signal off (see Figure 5, 6, 7, 8)tSW_OFF
270
µs
S-Wire high (see Figure 5, 6, 7, 8)tSW_H
25
50
µs
S-Wire low (see Figure 5, 6, 7, 8)tSW_L
25
50
µs
S-Wire rising time (see Figure 4)tSW_R
200
ns
S-Wire falling time (see Figure 4)tSW_F
200
ns
FB Voltage delay
tSW_DELAY
20
µs
S-Wire threshold high (see Figure 4)VSW_TH
1.6
VIN
V
S-Wire threshold low (see Figure 4)VSW_TL
00.4
V
Figure 4.
S-wire pulse thresholds
T
SW_R
T
SW_F
10%
90%
V
SW_TL
V
SW_TH
AM07818v1
T
SW_R
T
SW_F
10%
90%
V
SW_TL
V
SW_TH
AM07818v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com