Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STODD01 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STODD01
Description  Synchronous rectification
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STODD01 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STODD01 Datasheet HTML 2Page - STMicroelectronics STODD01 Datasheet HTML 3Page - STMicroelectronics STODD01 Datasheet HTML 4Page - STMicroelectronics STODD01 Datasheet HTML 5Page - STMicroelectronics STODD01 Datasheet HTML 6Page - STMicroelectronics STODD01 Datasheet HTML 7Page - STMicroelectronics STODD01 Datasheet HTML 8Page - STMicroelectronics STODD01 Datasheet HTML 9Page - STMicroelectronics STODD01 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Typical application
STODD01
6/31
Doc ID 17789 Rev 2
4
Typical application
Note:
If the S-wire function is not used, the TX pin must be connected to GND.
Figure 3.
Application circuit
Out1
FB1
SW2
FB2
SW3
FB3
GND
R1
R2
R3
R4
L3
L2
C5
C4
C6
V
OUT2
V
OUT3
V
IN_A
V
IN_P
Reset
TX
EN
GND
SW1
L1
R5
EN
TX
Reset
V
OUT1
V
IN
C1
C3
C2
STODD01
GND
GND
Out1
FB1
SW2
FB2
SW3
FB3
GND
R1
R2
R3
R4
L3
L2
C5
C4
C6
V
OUT2
V
OUT3
V
IN_A
V
IN_P
Reset
TX
EN
GND
SW1
L1
R5
EN
TX
Reset
V
OUT1
V
IN
C1
C3
C2
STODD01
GND
GND
Table 6.
List of external components (1)
Component
Manufacturer
Part number
Value
Size
C1, C2, C3
Murata
GRM21BR61A106KE19L
10 µF
0805
C4, C5, C6
Murata
GRM32ER61C226KE20L
22 µF
1210
L1
Coilcraft
LPS6225-472MLB
4.7 µH
6 x 6 x 2.5
L2, L3
Coilcraft
LPS4018-332MLB
3.3 µH
4.1 x 4.1 x 1.8
R1
33 k
Ω (V
OUT1 = 8.8 V)
(2)
0603
R2
3.3 k
Ω
0603
R3
27 k
Ω (V
OUT3= 1.2 V)
(3)
0603
R4
47 k
Ω
0603
R5
100 k
Ω
(4)
0603
1.
The components listed above refer to typical applications. Operation of the STODD01 is not limited to the choice of these
external components.
2.
R1 and R2 are calculated according to the following formula:
R1 = R2 x (VOUT1/VFB1- 1). It is recommended to use resistors with values in the range of 1 kΩ to 50 kΩ.
3.
R3 and R4 are calculated according to the following formula:
R3 = R4 x (VOUT3/VFB3 - 1). It is recommended to use resistors with values in the range of 1 kΩ to 50 kΩ.
4.
It is recommended to use resistors with values in the range of 100k
Ω to 1MΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com