Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STODD01 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STODD01
Description  Synchronous rectification
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STODD01 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STODD01 Datasheet HTML 15Page - STMicroelectronics STODD01 Datasheet HTML 16Page - STMicroelectronics STODD01 Datasheet HTML 17Page - STMicroelectronics STODD01 Datasheet HTML 18Page - STMicroelectronics STODD01 Datasheet HTML 19Page - STMicroelectronics STODD01 Datasheet HTML 20Page - STMicroelectronics STODD01 Datasheet HTML 21Page - STMicroelectronics STODD01 Datasheet HTML 22Page - STMicroelectronics STODD01 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
STODD01
Typical performance characteristics
Doc ID 17789 Rev 2
19/31
Figure 26.
Enable vs. temperature
Figure 27.
Efficiency step-up vs. output
current
Figure 28.
Efficiency step-down vs. output
current
Figure 29.
Reset threshold vs. temperature
All efficiencies are relative to one channel, the other channel
is at no-load.
Figure 30.
Startup transient
Figure 31.
Enable transient
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE [°C]
VEN_H
VEN_TH
VIN_A = VIN_P = 4V, VOUT1 = 7V, IOUT1 = 50mA
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
Iout [mA]
Vout=7V
Vout=9.2V
VIN_A = VIN_P = 5V, VEN = 1.2V
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
Iout [mA]
Vout=3.3V
Vout=1.2V
VIN_A = VIN_P = 5V, VEN = 5V
4.12
4.17
4.22
4.27
4.32
4.37
4.42
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE [°C]
VR_TH
VR_TL
VIN_P = VIN_A = VEN
VOUT1
VOUT2
VOUT3
VIN_A = VIN_P = VEN from 0 to 5V, VOUT1 = 9.2V,
IOUT1 = 500mA, tRISE = 100µs
VEN
VOUT1
VOUT2
VOUT3
VIN_A = VIN_P = 5V, VEN from 0 to 5V,
VOUT1 = 9.2V, IOUT1 = 100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com