Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STODD01 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STODD01
Description  Synchronous rectification
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STODD01 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STODD01 Datasheet HTML 18Page - STMicroelectronics STODD01 Datasheet HTML 19Page - STMicroelectronics STODD01 Datasheet HTML 20Page - STMicroelectronics STODD01 Datasheet HTML 21Page - STMicroelectronics STODD01 Datasheet HTML 22Page - STMicroelectronics STODD01 Datasheet HTML 23Page - STMicroelectronics STODD01 Datasheet HTML 24Page - STMicroelectronics STODD01 Datasheet HTML 25Page - STMicroelectronics STODD01 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Application information
STODD01
22/31
Doc ID 17789 Rev 2
The critical inductance values can then be obtained according to the following formulas:
for the step-down
Equation 3
and for the step-up
Equation 4
where:
FSW: switching frequency
ΔI
L = the peak-to-peak inductor ripple current. As a rule of thumb, the peak-to-peak ripple
can be set at 20 % - 40 % of the output current for the step-down and can be set at 20 % -
40 % of the input current for the step-up.
The peak current of the inductor can be calculated as:
Equation 5
Equation 6
In addition to the inductance value, in order to avoid saturation, the maximum saturation
current of the inductor must be higher than that of the IPEAK.
9.4
Input and output capacitor selection
It is recommended to use ceramic capacitors with X5R or X7R dielectric and low ESR as
input and output capacitors, in order to filter any disturbance present in the input line and to
obtain stable operation. The output capacitor is very important for satisfying the output
voltage ripple requirement.
The output voltage ripple (VOUT_RIPPLE), in continuous mode, for the step-down channel,
can be calculated:
L
SW
MAX
_
IN
OUT
MAX
_
IN
OUT
MIN
I
F
V
)
V
V
(
V
L
Δ
×
×
×
=
L
SW
OUT
MIN
_
IN
OUT
MIN
_
IN
MIN
I
F
V
)
V
V
(
V
L
Δ
×
×
×
=
L
F
V
2
)
V
V
(
V
)
8
.
0
/
I
(
I
SW
MAX
_
IN
OUT
MAX
_
IN
OUT
OUT
DOWN
_
STEP
PEAK
×
×
×
×
+
=
L
F
V
2
)
V
V
(
V
V
I
V
I
SW
OUT
MIN
_
IN
OUT
MIN
_
IN
MIN
_
IN
OUT
OUT
UP
_
STEP
PEAK
×
×
×
×
+
×
η
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com