Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STODD01 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STODD01
Description  Synchronous rectification
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STODD01 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STODD01 Datasheet HTML 7Page - STMicroelectronics STODD01 Datasheet HTML 8Page - STMicroelectronics STODD01 Datasheet HTML 9Page - STMicroelectronics STODD01 Datasheet HTML 10Page - STMicroelectronics STODD01 Datasheet HTML 11Page - STMicroelectronics STODD01 Datasheet HTML 12Page - STMicroelectronics STODD01 Datasheet HTML 13Page - STMicroelectronics STODD01 Datasheet HTML 14Page - STMicroelectronics STODD01 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
STODD01
S-wire protocol
Doc ID 17789 Rev 2
11/31
Figure 5.
S-wire protocol timing diagrams (case a)
GND
GND
GND
GND
GND
EN
S-Wire
tSW_H
tSW_L
VIN
5 V
5 V
tSW_START
tSW_STOP
2 3
4
1
t
SW_START
tSW_DELAY
VFB1
VOUT1
0.8 V
9 V
9.675 V
tSW_START
9.675 V
SET BY RESISTOR DIVIDER
0.86 V
0.86 V
EN
S-Wire
t
t
VIN
2 3
4
1
VFB1
VOUT1
-
GND
GND
GND
GND
GND
EN
S-Wire
tSW_H
tSW_L
VIN
5 V
5 V
tSW_START
tSW_STOP
2 3
4
1
t
SW_START
tSW_DELAY
VFB1
VOUT1
0.8 V
9 V
9.675 V
tSW_START
9.675 V
SET BY RESISTOR DIVIDER
0.86 V
0.86 V
EN
S-Wire
t
t
VIN
2 3
4
1
VFB1
VOUT1
-
Figure 6.
S-wire protocol timing diagrams (case b)
GND
GND
GND
GND
GND
t
SW_START
EN
S-Wire
V
FB1
V
OUT1
0.86V
9.675V
t
SW_H
t
SW_L
0.86V
9.675V
V
IN
5V
5V
t
SW_START
t
SW_STOP
2 3
4
1
GND
GND
GND
GND
GND
t
SW_START
EN
S-Wire
V
FB1
V
OUT1
0.86V
9.675V
t
SW_H
t
SW_L
0.86V
9.675V
V
IN
5V
5V
t
SW_START
t
SW_STOP
2 3
4
1
GND
GND
GND
GND
GND
t
SW_START
EN
S-Wire
V
FB1
V
OUT1
0.86V
9.675V
t
SW_H
t
SW_L
0.86V
9.675V
V
IN
5V
5V
t
SW_START
t
SW_STOP
2
2 3
3
4
4
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com