Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STODD01 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STODD01
Description  Synchronous rectification
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STODD01 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STODD01 Datasheet HTML 13Page - STMicroelectronics STODD01 Datasheet HTML 14Page - STMicroelectronics STODD01 Datasheet HTML 15Page - STMicroelectronics STODD01 Datasheet HTML 16Page - STMicroelectronics STODD01 Datasheet HTML 17Page - STMicroelectronics STODD01 Datasheet HTML 18Page - STMicroelectronics STODD01 Datasheet HTML 19Page - STMicroelectronics STODD01 Datasheet HTML 20Page - STMicroelectronics STODD01 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
STODD01
Typical performance characteristics
Doc ID 17789 Rev 2
17/31
8
Typical performance characteristics
C1,2,3 = 10 µF, C4,5,6 = 22 µF, L1 = 4.7 µH, L2 = L3 = 3.3 µH.
Figure 14.
Supply current vs. temperature
Figure 15.
Feedback voltage vs. temperature
Figure 16.
Feedback voltage vs. temperature
Figure 17.
Feedback voltage vs. temperature
Figure 18.
OVP vs. temperature
Figure 19.
True shutdown voltage vs.
temperature
0
0.5
1
1.5
2
2.5
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE [°C]
VIN_A=VIN_P=5V, VEN<=0.4V, No Switching
0.77
0.78
0.79
0.8
0.81
0.82
0.83
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE [°C]
VIN_A = VIN_P = 5V, VEN = 5V, IOUT1 = 50mA
3.27
3.28
3.29
3.3
3.31
3.32
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE [°C]
VIN_A = VIN_P = 5V, VEN = 5V, IOUT2 = no load
0.77
0.78
0.79
0.8
0.81
0.82
0.83
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE [°C]
VIN_A = VIN_P = 5V, VEN = 5V, IOUT3 = no load
14.5
14.7
14.9
15.1
15.3
15.5
-40
-20
0
20
40
60
80
100
120
140
TEMPERATURE [°C]
VIN_A = VIN_P = 5V, VEN = 5V, VFB1 = GND
-0.002
0
0.002
0.004
0.006
0.008
0.01
-40
-20
0
20
406080
100
TEMPERATURE [°C]
VIN_A = VIN_P = 5V, VEN = 0V, IOUT1 = no load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com