Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STODD01 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STODD01
Description  Synchronous rectification
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STODD01 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STODD01 Datasheet HTML 10Page - STMicroelectronics STODD01 Datasheet HTML 11Page - STMicroelectronics STODD01 Datasheet HTML 12Page - STMicroelectronics STODD01 Datasheet HTML 13Page - STMicroelectronics STODD01 Datasheet HTML 14Page - STMicroelectronics STODD01 Datasheet HTML 15Page - STMicroelectronics STODD01 Datasheet HTML 16Page - STMicroelectronics STODD01 Datasheet HTML 17Page - STMicroelectronics STODD01 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Detailed description
STODD01
14/31
Doc ID 17789 Rev 2
7
Detailed description
7.1
Brief overview
The STODD01 is a complete high efficiency switching power management. Inside it has a
step-up converter with a current capability up to 0.7 A and two step-down converters with a
current capability up to 0.8 A.
The controller uses an average current mode technique in order to obtain good stability in all
application conditions.
The step-up converter, in order to guarantee the lowest switching ripple, operates in PWM
(pulse width modulation) in all load conditions.
Both step-down converters, in order to maintain good efficiency, operate in power-save
mode at light load. When the load increases, they automatically switch to PWM (pulse width
modulation) mode and the output voltage ripple is minimized.
The STODD01 is self protected against overtemperature and accidental short circuit in the
step down channel.
The soft-start function guarantees proper operation during startup.
7.2
Enable pin
The step-up section operates when the EN pin is set high. If the EN pin is set low the step-
up turns OFF. In this condition the supply current is lower than 2 mA in the whole
temperature range, and it represents the consumption of the step-down section.
When the EN pin is low, thanks to at the true cut-off function, implemented using two P-
channel MOSFETs in a back-to-back configuration, as shown in Figure 10, the output
current is stopped. In order to control and reduce the in-rush current, the true cut-off P-
channel (PO) manages the current during startup.
Figure 10.
True cut-off block
SW1
PGND
Ps
OUT1
Po
Ns
SW1
PGND
Ps
OUT1
Po
Ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com