Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STODD01 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STODD01
Description  Synchronous rectification
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STODD01 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STODD01 Datasheet HTML 8Page - STMicroelectronics STODD01 Datasheet HTML 9Page - STMicroelectronics STODD01 Datasheet HTML 10Page - STMicroelectronics STODD01 Datasheet HTML 11Page - STMicroelectronics STODD01 Datasheet HTML 12Page - STMicroelectronics STODD01 Datasheet HTML 13Page - STMicroelectronics STODD01 Datasheet HTML 14Page - STMicroelectronics STODD01 Datasheet HTML 15Page - STMicroelectronics STODD01 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
S-wire protocol
STODD01
12/31
Doc ID 17789 Rev 2
Figure 7.
S-wire protocol timing diagrams (case c)
GND
GND
GND
GND
GND
EN
S-Wire
t
SW_H
t
SW_L
V
IN
5V
5V
t
SW_START
2 3
4
1
t
SW_START
t
SW_DELAY
V
FB1
V
OUT1
0.8V
9V
9.675V
9.338V
SET BY RESISTOR DIVIDER
0.86V
0.83V
2
1
t
SW_STOP
t
SW_STOP
0.8V
9V
t
SW_OFF
GND
GND
GND
GND
GND
EN
S-Wire
t
SW_H
t
SW_L
V
IN
5V
5V
t
SW_START
2
2 3
3
4
4
1
1
t
SW_START
t
SW_DELAY
V
FB1
V
OUT1
0.8V
9V
9.675V
9.338V
SET BY RESISTOR DIVIDER
0.86V
0.83V
2
2
1
1
t
SW_STOP
t
SW_STOP
0.8V
9V
t
SW_OFF
Figure 8.
S-wire protocol timing diagrams (case d)
9.338V
0.83V
GND
GND
GND
EN
S-Wire
t
SW_H
t
SW_L
V
IN
5V
5V
t
SW_START
2 3
4
1
t
Sw_START
t
SW_DELAY
V
FB1
V
OUT1
0.8V
9V
9.675V
SET BY RESISTOR DIVIDER
0.86V
GND
GND
2
1
t
SW_STOP
t
SW_STOP
0.8V
0.9V
t
SW_OFF
t
SW_START
9.338V
0.83V
GND
GND
GND
EN
S-Wire
t
SW_H
t
SW_L
V
IN
5V
5V
t
SW_START
2
2 3
3
4
4
1
1
t
Sw_START
t
SW_DELAY
V
FB1
V
OUT1
0.8V
9V
9.675V
SET BY RESISTOR DIVIDER
0.86V
GND
GND
2
2
1
1
t
SW_STOP
t
SW_STOP
0.8V
0.9V
t
SW_OFF
t
SW_START



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com