Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STODD01 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STODD01
Description  Synchronous rectification
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STODD01 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STODD01 Datasheet HTML 19Page - STMicroelectronics STODD01 Datasheet HTML 20Page - STMicroelectronics STODD01 Datasheet HTML 21Page - STMicroelectronics STODD01 Datasheet HTML 22Page - STMicroelectronics STODD01 Datasheet HTML 23Page - STMicroelectronics STODD01 Datasheet HTML 24Page - STMicroelectronics STODD01 Datasheet HTML 25Page - STMicroelectronics STODD01 Datasheet HTML 26Page - STMicroelectronics STODD01 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
STODD01
Application information
Doc ID 17789 Rev 2
23/31
Equation 7
where
Δ I
L is the ripple current and FSW is the switching frequency.
The output voltage ripple (VOUT_RIPPLE), in continuous mode, for the step-up channel, is:
Equation 8
where FSW is the switching frequency.
The use of ceramic capacitors with voltage ratings in the range higher than 1.5 times the
maximum input or output voltage is recommended.
9.5
Layout considerations
Due to the high switching frequency and peak current, the layout is an important design step
for all switching power supplies. Important parameters (efficiency, output voltage ripple,
switching noise immunity, etc.) can be affected if the PCB layout is not designed with close
attention to the following DC-DC general layout rules, such as:
Short, wide traces must be implemented for mains current and for power ground paths.
The input capacitor must be placed as close as possible to the IC pins as well as the
inductor and output capacitor.
The feedback pin (FB) connection to the external resistor divider is a high impedance
node, so interference can be minimized by placing the routing of the feedback node as
far as possible from the high current paths. To reduce pick up noise the resistor divider
must be placed very close to the device.
A common ground node minimizes ground noise.
The exposed pad of the package must be connected to the common ground node.
Moreover, the exposed pad ground connection must be properly designed in order to
facilitate the heat dissipation from the exposed pad to the ground layer using PCB vias, as
shown in the recommended PCB layout of Figure 34, 35, and 36.
×
×
+
×
Δ
=
SW
OUT
L
RIPPLE
_
OUT
F
C
8
1
ESR
I
V
(
)
×
×
+
×
=
SW
OUT
OUT
IN
OUT
OUT
RIPPLE
_
OUT
F
C
V
V
V
ESR
I
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com