Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STODD03 Datasheet (PDF) - STMicroelectronics

STODD03 Datasheet PDF - STMicroelectronics
Part # STODD03
Download  STODD03 Download
File Size   612.88 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Monolithic 2-channel power management for high-definition ODD with integrated power switch

STODD03 Datasheet (PDF)

Go To PDF Page Download Datasheet
STODD03 Datasheet PDF - STMicroelectronics

Part # STODD03
Download  STODD03 Click to download

File Size   612.88 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Monolithic 2-channel power management for high-definition ODD with integrated power switch

STODD03 Datasheet (HTML) - STMicroelectronics


STODD03 Product details

Description
The STODD03 is a 2-channel power management device intended for Blu-Ray applications based on high density optical storage devices. It integrates one step-down converter able to provide 3.3 V fixed output voltage up to 700 mA load, and one step-up converter to provide the power supply needed for the blue laser in applications where only 5 V input voltage is available. The step-up output voltage is adjustable in the range from 6.5 V to 14 V, with current capability up to 500 mA. Both step-down and step-up channels integrate low RDS_ON Nchannel and P-channel MOSFETs, allowing high DC-DC efficiencies. The enable function with true shutdown makes the step-up section particularly suitable for optical storage power management applications. Moreover, the STODD03 has a 1 A integrated power switch for motor control power supply. The high switching frequency allows the use of tiny SMD components. Low output ripple voltage is achieved thanks to the current mode PWM topology. The device includes soft-start control, thermal shutdown, and peak current limit to prevent damage due to accidental overload. The STODD03 is packaged in a QFN16 (4 x 4 mm). QFN16L (4 x 4 mm)

Features
■ 1.2 MHz DC-DC current mode PWM converter
■ Input voltage from 4 V up to 6 V
■ Step-down 3.3 V fixed output voltage, up to 700 mA load
■ Step-up output current up to 500 mA
■ 2% step-down output voltage tolerance
■ 3% step-up output voltage tolerance
■ Synchronous rectification
■ Step-down power-save mode at light load
■ Typical efficiency: 90%
■ Internal soft-start
■ Enable functions
■ True cutoff function for step-up converter
■ Integrated motor control power switch
■ Uses tiny capacitors and inductors
■ Available in QFN16 (4 x 4 mm)




Similar Part No. - STODD03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STODD01 STMICROELECTRONICS-STODD01 Datasheet
1Mb / 31P
Synchronous rectification
28-Feb-2011
More results


Similar Description - STODD03

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3842 FUJITSU-MB3842 Datasheet
146Kb / 19P
Power Management 2-ch Switch IC
logo
Texas Instruments
TWL6030 TI1-TWL6030 Datasheet
943Kb / 97P
Fully Integrated Power Management with Switch Mode Charger
logo
Freescale Semiconductor...
MC13892_1107 FREESCALE-MC13892_1107 Datasheet
5Mb / 158P
Power Management Integrated
logo
Texas Instruments
TWL6030 TI1-TWL6030_13 Datasheet
630Kb / 9P
Fully Integrated Power Management with Switch Mode Charger
TWL6030 TI-TWL6030 Datasheet
630Kb / 9P
Fully Integrated Power Management with Switch Mode Charger
logo
STMicroelectronics
AN3302 STMICROELECTRONICS-AN3302 Datasheet
814Kb / 13P
Monolithic power management for high definition ODD with
03-Jan-2011
logo
NXP Semiconductors
PF8100 NXP-PF8100 Datasheet
1Mb / 131P
12-channel power management integrated circuit for high performance applications
Rev. 9.0-19 November 2019
PF7100 NXP-PF7100 Datasheet
1Mb / 125P
7-channel power management integrated circuit for high performance applications
Rev. 4-9 March 2021
PF8101 NXP-PF8101 Datasheet
1Mb / 126P
9-channel power management integrated circuit for high performance applications
PF8121 NXP-PF8121 Datasheet
1Mb / 118P
12-channel power management integrated circuit for high performance applications
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com