Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STODD03 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STODD03
Description  Monolithic 2-channel power management for high-definition ODD with integrated power switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STODD03 Datasheet(HTML) 1 Page - STMicroelectronics

  STODD03 Datasheet HTML 1Page - STMicroelectronics STODD03 Datasheet HTML 2Page - STMicroelectronics STODD03 Datasheet HTML 3Page - STMicroelectronics STODD03 Datasheet HTML 4Page - STMicroelectronics STODD03 Datasheet HTML 5Page - STMicroelectronics STODD03 Datasheet HTML 6Page - STMicroelectronics STODD03 Datasheet HTML 7Page - STMicroelectronics STODD03 Datasheet HTML 8Page - STMicroelectronics STODD03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
August 2011
Doc ID 018980 Rev 1
1/16
16
STODD03
Monolithic 2-channel power management
for high-definition ODD with integrated power switch
Features
■ 1.2 MHz DC-DC current mode PWM converter
■ Input voltage from 4 V up to 6 V
■ Step-down 3.3 V fixed output voltage, up to 700
mA load
■ Step-up output current up to 500 mA
■ 2% step-down output voltage tolerance
■ 3% step-up output voltage tolerance
■ Synchronous rectification
■ Step-down power-save mode at light load
■ Typical efficiency: 90%
■ Internal soft-start
■ Enable functions
■ True cutoff function for step-up converter
■ Integrated motor control power switch
■ Uses tiny capacitors and inductors
■ Available in QFN16 (4 x 4 mm)
Description
The STODD03 is a 2-channel power
management device intended for Blu-Ray
applications based on high density optical storage
devices. It integrates one step-down converter
able to provide 3.3 V fixed output voltage up to
700 mA load, and one step-up converter to
provide the power supply needed for the blue
laser in applications where only 5 V input voltage
is available. The step-up output voltage is
adjustable in the range from 6.5 V to 14 V, with
current capability up to 500 mA. Both step-down
and step-up channels integrate low RDS_ON N-
channel and P-channel MOSFETs, allowing high
DC-DC efficiencies. The enable function with true
shutdown makes the step-up section particularly
suitable for optical storage power management
applications. Moreover, the STODD03 has a 1 A
integrated power switch for motor control power
supply. The high switching frequency allows the
use of tiny SMD components. Low output ripple
voltage is achieved thanks to the current mode
PWM topology. The device includes soft-start
control, thermal shutdown, and peak current limit
to prevent damage due to accidental overload.
The STODD03 is packaged in a QFN16 (4 x 4
mm).
QFN16L (4 x 4 mm)
Table 1.
Device summary
Part number
Order code
Marking
Package
STODD03
STODD03PQR
ODD03
QFN16 (4 x 4 mm)
www.st.com


Similar Part No. - STODD03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STODD01 STMICROELECTRONICS-STODD01 Datasheet
1Mb / 31P
Synchronous rectification
28-Feb-2011
More results

Similar Description - STODD03

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3842 FUJITSU-MB3842 Datasheet
146Kb / 19P
Power Management 2-ch Switch IC
logo
Texas Instruments
TWL6030 TI1-TWL6030 Datasheet
943Kb / 97P
Fully Integrated Power Management with Switch Mode Charger
logo
Freescale Semiconductor...
MC13892_1107 FREESCALE-MC13892_1107 Datasheet
5Mb / 158P
Power Management Integrated
logo
Texas Instruments
TWL6030 TI1-TWL6030_13 Datasheet
630Kb / 9P
Fully Integrated Power Management with Switch Mode Charger
TWL6030 TI-TWL6030 Datasheet
630Kb / 9P
Fully Integrated Power Management with Switch Mode Charger
logo
STMicroelectronics
AN3302 STMICROELECTRONICS-AN3302 Datasheet
814Kb / 13P
Monolithic power management for high definition ODD with
03-Jan-2011
logo
NXP Semiconductors
PF8100 NXP-PF8100 Datasheet
1Mb / 131P
12-channel power management integrated circuit for high performance applications
Rev. 9.0-19 November 2019
PF7100 NXP-PF7100 Datasheet
1Mb / 125P
7-channel power management integrated circuit for high performance applications
Rev. 4-9 March 2021
PF8101 NXP-PF8101 Datasheet
1Mb / 126P
9-channel power management integrated circuit for high performance applications
PF8121 NXP-PF8121 Datasheet
1Mb / 118P
12-channel power management integrated circuit for high performance applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com