Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA103V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA103V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA103V1
Download  STEVAL-ISA103V1 Download
File Size   225.27 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Overload protection

STEVAL-ISA103V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA103V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA103V1
Download  STEVAL-ISA103V1 Click to download

File Size   225.27 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Overload protection

STEVAL-ISA103V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA103V1 Product details

Description
The STEVAL-ISA103V1 is a wide range input demonstration board based on the VIPER27LN and suitable for several consumer applications, such as LCD or plasma TVs, some models of DVD recorders, set-top boxes with hard disk, and also desktop computers. The STEVAL-ISA103V1 includes two modules: the main power supply that provides most of the power and is off when the application is in standby mode and the auxiliary power supply that provides energy for specific peripherals such as USB ports, remote receivers, and modems. The auxiliary power supply is also on when the application is in standby mode and it is often required that its input power be as low as possible. The STEVAL-ISA103V1meets the specifications of a wide range of auxiliary power supplies for the above mentioned applications and is optimized for very low standby consumption, helping to meet the most stringent energy-saving requirements.

Features
■ Vin: 90 V - 265 V
■ Vout: 5 V
■ Pout: 12 W
■ Very low standby consumption
■ Overload protection
■ Secondary winding short-circuit protection
■ Output overvoltage protection
■ Brownout protection
■ ENERGY STAR® compliant
■ RoHS compliant




Similar Part No. - STEVAL-ISA103V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA100V1 STMICROELECTRONICS-STEVAL-ISA100V1 Datasheet
302Kb / 4P
3 A step-down switching demonstration board based on the L7986A in HSOP8 package
27-Apr-2012
STEVAL-ISA101V1 STMICROELECTRONICS-STEVAL-ISA101V1 Datasheet
234Kb / 4P
2 A DC step-down switching regulator with 4 V/36 V input voltage range based on the L5973D
30-May-2012
STEVAL-ISA102V2 STMICROELECTRONICS-STEVAL-ISA102V2 Datasheet
219Kb / 4P
RoHS compliant
29-Sep-2016
STEVAL-ISA104V1 STMICROELECTRONICS-STEVAL-ISA104V1 Datasheet
249Kb / 4P
Up to 3 A step-down switching regulator (Vin = 5.5 V to 48 V) based on the ST1S14
06-Aug-2012
STEVAL-ISA105V1 STMICROELECTRONICS-STEVAL-ISA105V1 Datasheet
193Kb / 4P
RoHS compliant
August 2012 Rev 1
More results


Similar Description - STEVAL-ISA103V1

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
PPD08120MP6B2 THINKING-PPD08120MP6B2 Datasheet
384Kb / 17P
Overload Protection
logo
EPCOS
B59707-A1120-A62 EPCOS-B59707-A1120-A62 Datasheet
43Kb / 2P
Overload Protection SMDs
logo
M.S. Kennedy Corporatio...
MSK5211 MSK-MSK5211 Datasheet
151Kb / 6P
Internal Thermal Overload Protection
MSK5212 MSK-MSK5212 Datasheet
151Kb / 6P
Internal Thermal Overload Protection
MSK5213 MSK-MSK5213 Datasheet
151Kb / 6P
Internal Thermal Overload Protection
MSK5214 MSK-MSK5214 Datasheet
151Kb / 6P
Internal Thermal Overload Protection
logo
Infineon Technologies A...
BTS307 INFINEON-BTS307_13 Datasheet
374Kb / 12P
Overload protection
2013-10-10
logo
Inchange Semiconductor ...
LM7805 ISC-LM7805 Datasheet
239Kb / 2P
Internal thermal overload protection
LM7812 ISC-LM7812 Datasheet
240Kb / 2P
Internal thermal overload protection
logo
STMicroelectronics
L78 STMICROELECTRONICS-L78 Datasheet
2Mb / 54P
Thermal overload protection
28-Nov-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com