Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISA105V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISA105V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISA105V1
Download  STEVAL-ISA105V1 Download
File Size   193.62 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RoHS compliant

STEVAL-ISA105V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISA105V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISA105V1
Download  STEVAL-ISA105V1 Click to download

File Size   193.62 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description RoHS compliant

STEVAL-ISA105V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISA105V1 Product details

Description
The STEVAL-ISA105V1 demonstration board implements a power supply based on a quasiresonant mode of operation using ST primary side ALTAIR04-900 flyback switch. The ALTAIR04-900 is a high-voltage all-primary sensing switcher intended for operating directly from the rectified mains with minimum external parts. It combines a high-performance low voltage PWM controller chip and a 900 V avalancherugged power section in the same package. The controller is a current-mode specifically designed for offline quasi-resonant flyback converters. The device is capable of providing constant output voltage using all primary sensing feedback. This eliminates the need for the optocoupler, the secondary voltage reference, as well as the current sensor, while still maintaining quite accurate regulation.

Features
■ Min. operating voltage Vacmin: 90 Vac
■ Max. operating voltage Vacmax: 265 Vac, 440 Vmax
■ Topology: quasi-resonant flyback converter, primary side regulation
■ Mains frequency fL: 50 Hz +/-3 Hz
■ Input/output isolation: yes, Galvanic isolation >2.7 KV
■ Nominal output voltage: – 5 V/70 mA nominal, 1 A max. – 3.3 V/30 mA nominal, 150 mA max. – 12 V/2 mA nominal, 100 mA max. – 5 V_ISO/2 mA nominal, 80 mA max.
■ Total output power Pout: 1 W nominal, 7.5 W (during transmission mode)
■ Typical efficiency @ 230 Vac: > 75%
■ Output voltage pk-pk ripple: < 100 mV
■ Protection: short-circuit protection
■ Reflected voltage of transformer, VR: 100 V
■ RoHS compliant




Similar Part No. - STEVAL-ISA105V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA100V1 STMICROELECTRONICS-STEVAL-ISA100V1 Datasheet
302Kb / 4P
3 A step-down switching demonstration board based on the L7986A in HSOP8 package
27-Apr-2012
STEVAL-ISA101V1 STMICROELECTRONICS-STEVAL-ISA101V1 Datasheet
234Kb / 4P
2 A DC step-down switching regulator with 4 V/36 V input voltage range based on the L5973D
30-May-2012
STEVAL-ISA102V2 STMICROELECTRONICS-STEVAL-ISA102V2 Datasheet
219Kb / 4P
RoHS compliant
29-Sep-2016
STEVAL-ISA103V1 STMICROELECTRONICS-STEVAL-ISA103V1 Datasheet
225Kb / 4P
Overload protection
March 2012 Rev 1
STEVAL-ISA104V1 STMICROELECTRONICS-STEVAL-ISA104V1 Datasheet
249Kb / 4P
Up to 3 A step-down switching regulator (Vin = 5.5 V to 48 V) based on the ST1S14
06-Aug-2012
More results


Similar Description - STEVAL-ISA105V1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
RoHS compliant
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
RoHS compliant
Sep .2.2013
logo
Pulse A Technitrol Comp...
HX1198FNLT PULSE-HX1198FNLT Datasheet
454Kb / 4P
ROHS COMPLIANT
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
ROHS COMPLIANT
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
ROHS COMPLIANT
EX2024FNL PULSE-EX2024FNL Datasheet
361Kb / 3P
ROHS COMPLIANT
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com