Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISB002V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISB002V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISB002V1
Download  STEVAL-ISB002V1 Download
File Size   122.05 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High efficiency step-down controller demonstration board with embedded 2 A LDO regulator based on the ST72F324L

STEVAL-ISB002V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISB002V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISB002V1
Download  STEVAL-ISB002V1 Click to download

File Size   122.05 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High efficiency step-down controller demonstration board with embedded 2 A LDO regulator based on the ST72F324L

STEVAL-ISB002V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISB002V1 Product details

Description
The STEVAL-ISB002V1 is a universal battery charger (UBC) demonstration board based on the ST72F324L microcontroller. The charger used in this demonstration board uses a modified form of a non-inverting buckboost converter to support the charging voltage requirement for single-cell Li-ion batteries. The board includes a 3.3 V power supply generated from a KF33 regulator and a precision reference voltage generated from the TL1431, bearing in mind the accuracy requirement for charging. A status LED is used to show the charging status. This demonstration board is capable of charging single cell Li-ion batteries with in-built NTC or a 2cell NiMH battery from a 5 V supply. The firmware is easily upgradeable and can be modified for other ST7 microcontrollers depending on application requirements. STEVAL-ISB002V1

Features
■ 1 % measurement accuracy
■ Firmware easily upgradeable
■ Li-ion battery or 2-cell NiMH batteries
■ 5 V supply
■ RoHS compliant




Similar Part No. - STEVAL-ISB002V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISB005V1 STMICROELECTRONICS-STEVAL-ISB005V1 Datasheet
131Kb / 4P
Low-cost Li-Ion battery charger demonstration board based on the ST7263BK6 and L6924D
09-Jun-2010
STEVAL-ISB006V1 STMICROELECTRONICS-STEVAL-ISB006V1 Datasheet
147Kb / 4P
Dual USB/wall adapter Li-Ion battery charger with gas gauge demonstration board based on the STw4102
27-Nov-2008
STEVAL-ISB007V1 STMICROELECTRONICS-STEVAL-ISB007V1 Datasheet
270Kb / 6P
Low cost Li-Ion battery charger demonstration board based on the ST7260 and L6924U
26-Feb-2009
STEVAL-ISB008V1 STMICROELECTRONICS-STEVAL-ISB008V1 Datasheet
119Kb / 4P
Standalone USB Li-Ion battery charger demonstration board based on the STw4102 and STM32F103C6
10-Nov-2009
STEVAL-ISB009V1 STMICROELECTRONICS-STEVAL-ISB009V1 Datasheet
91Kb / 4P
Li-Ion battery monitoring and gas-gauge demonstration board based on the STC3100
05-Nov-2010
More results


Similar Description - STEVAL-ISB002V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6675AS STMICROELECTRONICS-PM6675AS Datasheet
2Mb / 48P
High efficiency step-down controller with embedded 2 A LDO regulator
19-Feb-2008
PM6675S STMICROELECTRONICS-PM6675S Datasheet
2Mb / 53P
High efficiency step-down controller with embedded 2 A LDO regulator
14-Feb-2008
EVAL5985 STMICROELECTRONICS-EVAL5985 Datasheet
190Kb / 6P
2 A step-down switching regulator demonstration board based on the L5985
19-Jan-2009
EVAL5986 STMICROELECTRONICS-EVAL5986 Datasheet
289Kb / 6P
2.5 A step-down switching regulator demonstration board based on the L5986, L5986A
29-Oct-2009
EVAL5987A STMICROELECTRONICS-EVAL5987A Datasheet
286Kb / 6P
3 A step-down switching regulator demonstration board based on the L5987, L5987A
04-Nov-2009
STEVAL-ISA092V1 STMICROELECTRONICS-STEVAL-ISA092V1 Datasheet
95Kb / 4P
2 A step-down switching demonstration board based on the L7980
21-Dec-2011
EVAL5980 STMICROELECTRONICS-EVAL5980 Datasheet
287Kb / 6P
0.7 A step-down switching regulator demonstration board based on the L5980
02-Mar-2009
EVAL5981 STMICROELECTRONICS-EVAL5981 Datasheet
209Kb / 6P
1 A step-down switching regulator demonstration board based on the L5981
02-Mar-2009
EVAL5983 STMICROELECTRONICS-EVAL5983 Datasheet
251Kb / 6P
1.5 A step-down switching regulator demonstration board based on the L5983
02-Mar-2009
EVAL5987 STMICROELECTRONICS-EVAL5987 Datasheet
285Kb / 6P
3 A step-down switching regulator demonstration board based on the L5987, L5987A
04-Nov-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com