Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISB040V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISB040V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISB040V1
Download  STEVAL-ISB040V1 Download
File Size   1501.94 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Integrated high efficiency synchronous rectifier

STEVAL-ISB040V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISB040V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISB040V1
Download  STEVAL-ISB040V1 Click to download

File Size   1501.94 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Integrated high efficiency synchronous rectifier

STEVAL-ISB040V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISB040V1 Product details

Description
The STEVAL-ISB040V1 is a wireless receiver evaluation board based on the STWLC03 integrated wireless power receiver. STWLC03 is focused on the 2.5 W protocol based on Qi; with digital control and precise analog control loops ensuring stable operation. The STWLC03 wireless receiver allows tuning for a wide range of receiving coils, from small form factors to standard sizes. The I²C interface allows customizing device parameters, which can be saved in embedded non-volatile memory.

Features
■ Based on STWLC03 for wireless power receiver
■ 2.5 W output power
■ Integrated high efficiency synchronous rectifier
■ 800 kHz programmable step-down converter with input current and input voltage regulation loops
■ Qi 1.1.2 based communication protocol
■ I²C interface




Similar Part No. - STEVAL-ISB040V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISB044V1 STMICROELECTRONICS-STEVAL-ISB044V1 Datasheet
713Kb / 10P
Qi MP-A10 15 W wireless charger TX evaluation kit based onSTWBC-EP
09-Oct-2017
STEVAL-ISB045V1 STMICROELECTRONICS-STEVAL-ISB045V1 Datasheet
751Kb / 7P
2.5 W wireless charger transmitter evaluation kit
18-Apr-2018
STEVAL-ISB047V1 STMICROELECTRONICS-STEVAL-ISB047V1 Datasheet
720Kb / 4P
Qi certified 3-coil 15 W wireless charger TX evaluation kit based on STWBC-MC
06-Feb-2019
More results


Similar Description - STEVAL-ISB040V1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8011 INTERSIL-ISL8011 Datasheet
303Kb / 10P
1.2A Integrated FETs, High Efficiency Synchronous Buck Regulator
August 4, 2009
logo
Micrel Semiconductor
MIC22700 MICREL-MIC22700_10 Datasheet
1Mb / 21P
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705 MICREL-MIC22705 Datasheet
1Mb / 28P
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22405 MICREL-MIC22405 Datasheet
1Mb / 30P
4A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705 MICREL-MIC22705_13 Datasheet
1Mb / 29P
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
logo
Monolithic Power System...
MP3429 MPS-MP3429 Datasheet
1Mb / 22P
16VOUT, 21A, High-Efficiency, Fully Integrated, Synchronous, Boost Converter
logo
Renesas Technology Corp
ISL8011 RENESAS-ISL8011 Datasheet
620Kb / 10P
1.2A Integrated FETs, High Efficiency Synchronous Buck Regulator
logo
uPI Group Inc.
UP6010Q UPI-UP6010Q Datasheet
297Kb / 15P
High Efficiency Synchronous Rectifier Boost Converter
UP6014 UPI-UP6014 Datasheet
858Kb / 15P
High Efficiency Synchronous Rectifier Boost Converter
logo
Monolithic Power System...
MP4572 MPS-MP4572 Datasheet
2Mb / 32P
High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
3/9/2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com