Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-ISB045V1 Datasheet (PDF) - STMicroelectronics

STEVAL-ISB045V1 Datasheet PDF - STMicroelectronics
Part # STEVAL-ISB045V1
Download  STEVAL-ISB045V1 Download
File Size   751.11 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.5 W wireless charger transmitter evaluation kit

STEVAL-ISB045V1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STEVAL-ISB045V1 Datasheet PDF - STMicroelectronics

Part # STEVAL-ISB045V1
Download  STEVAL-ISB045V1 Click to download

File Size   751.11 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.5 W wireless charger transmitter evaluation kit

STEVAL-ISB045V1 Datasheet (HTML) - STMicroelectronics


STEVAL-ISB045V1 Product details

Description
The STEVAL-ISB045V1 evaluation kit includes the STEVAL-ISB045V1T wireless battery charger transmitter evaluation board based on the STWBC-WA digital controller, the firmware and the STEVAL-WBCDNGV1 USB-to-UART dongle needed to use the STSW-STWBCGUI. The STEVAL-ISB045V1 firmware offers you the flexibility of modifying LEDs or GPIO behavior and customizing I²C and UART signals. The layout is based on cost-effective two-layer PCB. Tools for the STEVAL-ISB045V1 evaluation kit are available on www.st.com and allow you to access run time information such as regulation error, frequency or protocol status. Summary table 2.5 W wireless charger transmitter evaluation kit STEVAL-ISB045V1 Digital controller for wireless battery charger transmitters for wearable and smart watches

Features
■ STWBC-WA digital controller
■ 2.5 W output power
■ Resistive and capacitive modulation
■ Foreign object detection (FOD)
■ Active presence detector
■ Turn-key and firmware APIs
■ Total reference design (IC, firmware, GUI and dongle)




Similar Part No. - STEVAL-ISB045V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISB040V1 STMICROELECTRONICS-STEVAL-ISB040V1 Datasheet
1Mb / 4P
Integrated high efficiency synchronous rectifier
09-Nov-2016
STEVAL-ISB044V1 STMICROELECTRONICS-STEVAL-ISB044V1 Datasheet
713Kb / 10P
Qi MP-A10 15 W wireless charger TX evaluation kit based onSTWBC-EP
09-Oct-2017
STEVAL-ISB047V1 STMICROELECTRONICS-STEVAL-ISB047V1 Datasheet
720Kb / 4P
Qi certified 3-coil 15 W wireless charger TX evaluation kit based on STWBC-MC
06-Feb-2019
More results


Similar Description - STEVAL-ISB045V1

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z87100 ZILOG-Z87100 Datasheet
213Kb / 48P
Wireless Transmitter
logo
Power Integrations, Inc...
DI-60 POWERINT-DI-60 Datasheet
499Kb / 2P
Low Cost 2.5 W Regulated Charger/Adapter
DI-75 POWERINT-DI-75 Datasheet
352Kb / 2P
Low Cost 2.5 W Regulated Charger/Adapter
logo
STMicroelectronics
STEVAL-ISB027V1 STMICROELECTRONICS-STEVAL-ISB027V1 Datasheet
355Kb / 6P
Qi A11 wireless charger transmitter evaluation board based on STWBC
02-Mar-2015
STEVAL-ISB044V1 STMICROELECTRONICS-STEVAL-ISB044V1 Datasheet
713Kb / 10P
Qi MP-A10 15 W wireless charger TX evaluation kit based onSTWBC-EP
09-Oct-2017
logo
Linear Technology
LTC4123EDC LINER-LTC4123EDC Datasheet
846Kb / 10P
Low Power Wireless Charger Demonstration Kit
LTC4125EUFD LINER-LTC4125EUFD Datasheet
1Mb / 16P
Wireless Power Transfer Battery Charger Demonstration Kit
logo
Generalplus Technology ...
GPMQ8005B GENERALPLUS-GPMQ8005B Datasheet
1Mb / 43P
QI Compliant Wireless Charger Two-Coil Wireless Fast Charger Three-Coil QI Compliant Wireless Charger Power Transmitter
logo
Linx Technologies
EVAL-FFF-OEM LINX-EVAL-FFF-OEM Datasheet
1Mb / 9P
OEM Transmitter Evaluation Kit
2016
logo
STMicroelectronics
EVALSTWBC-EP STMICROELECTRONICS-EVALSTWBC-EP Datasheet
2Mb / 4P
Qi MP-A15 15W wireless charger TX evaluation kit based on STWBC-EP
May 2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com