Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC521 Datasheet (PDF) - Vishay Siliconix

SIC521 Datasheet PDF - Vishay Siliconix
Part # SIC521
Download  SIC521 Download
File Size   365.33 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 30 A VRPower® Integrated Power Stage

SIC521 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIC521 Datasheet PDF - Vishay Siliconix

Part # SIC521
Download  SIC521 Click to download

File Size   365.33 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 30 A VRPower® Integrated Power Stage

SIC521 Datasheet (HTML) - Vishay Siliconix


SIC521 Product details

• Thermally enhanced PowerPAK® MLP4535-22L
package
• Vishay’s Gen IV MOSFET technology and a
low-side MOSFET with integrated Schottky
diode
• Delivers up to 30 A continuous current, 40 A at 10 ms peak
current
• 95 % peak efficiency
• High frequency operation up to 1.5 MHz
• Power MOSFETs optimized for 12 V input stage
• 3.3 V (SiC521A) / 5 V (SiC521) PWM logic with tri-state and
hold-off
• Zero current detect control for light load efficiency
improvement
• Low PWM propagation delay (< 20 ns)
• Under voltage lockout for VCIN




Similar Part No. - SIC521

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SiC521 VISHAY-SiC521 Datasheet
354Kb / 16P
30 A VRPower® Integrated Power Stage
09-Feb-15
SIC521 VISHAY-SIC521 Datasheet
328Kb / 16P
30 A VRPower® Integrated Power Stage
29-Jun-2020
SIC521A VISHAY-SIC521A Datasheet
354Kb / 16P
30 A VRPower® Integrated Power Stage
09-Feb-15
SIC521A VISHAY-SIC521A Datasheet
328Kb / 16P
30 A VRPower® Integrated Power Stage
29-Jun-2020
SiC521ACD-T1-GE3 VISHAY-SiC521ACD-T1-GE3 Datasheet
354Kb / 16P
30 A VRPower® Integrated Power Stage
09-Feb-15
More results


Similar Description - SIC521

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC530 VISHAY-SIC530 Datasheet
378Kb / 17P
30 A VRPower Integrated Power Stage
02-Nov-15
SIC531 VISHAY-SIC531 Datasheet
356Kb / 17P
30 A VRPower Integrated Power Stage
30-Nov-15
SIC532 VISHAY-SIC532 Datasheet
368Kb / 17P
30 A VRPower Integrated Power Stage
23-Nov-15
SIC632 VISHAY-SIC632 Datasheet
322Kb / 19P
50 A VRPower Integrated Power Stage
30-Nov-15
SIC533 VISHAY-SIC533 Datasheet
361Kb / 17P
35 A VRPower® Integrated Power Stage
14-Nov-16
SIC534 VISHAY-SIC534 Datasheet
368Kb / 17P
30 A VRPower® Integrated Power Stage
10-Oct-16
SIC620 VISHAY-SIC620 Datasheet
316Kb / 20P
60 A VRPower Integrated Power Stage
08-Dec-14
SIC620R VISHAY-SIC620R Datasheet
322Kb / 18P
60 A VRPower Integrated Power Stage
03-Nov-14
SIC781CD VISHAY-SIC781CD Datasheet
283Kb / 14P
50 A, VRPower® Integrated Power Stage
25-Aug-14
SIC789 VISHAY-SIC789 Datasheet
310Kb / 19P
60 A VRPower® Integrated Power Stage
08-Dec-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com