Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC781CD Datasheet (PDF) - Vishay Siliconix

SIC781CD Datasheet PDF - Vishay Siliconix
Part # SIC781CD
Download  SIC781CD Download
File Size   283.63 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 50 A, VRPower® Integrated Power Stage

SIC781CD Datasheet (PDF)

Go To PDF Page Download Datasheet
SIC781CD Datasheet PDF - Vishay Siliconix

Part # SIC781CD
Download  SIC781CD Click to download

File Size   283.63 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 50 A, VRPower® Integrated Power Stage

SIC781CD Datasheet (HTML) - Vishay Siliconix


SIC781CD Product details

• Thermally enhanced PowerPAK® MLP66-40L package
• Industry benchmark MOSFET with integrated Schottky
diode
• Delivers up to 50 A continuous current
• Pin and functionally compatible with NCP5369N
• High frequency operation up to 1 MHz
• Optimized for 12 V input rail applications
• 5 V PWM logic with tri-state threshold
• Zero current detection and low side MOSFET turn off
during discontinuous mode
• Short PWM propagation delay (< 20 ns)
• Supports Intel PS2 requirement with ON Semiconductor’s
NCP5133 and NCP6133 controllers
• Thermal monitor flag
• Faster enable / disable
• VCIN under voltage lock out (UVLO)




Similar Part No. - SIC781CD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC781CD VISHAY-SIC781CD Datasheet
284Kb / 14P
50 A, VRPower® Integrated Power Stage
25-Aug-14
SIC781CD-T1-GE3 VISHAY-SIC781CD-T1-GE3 Datasheet
284Kb / 14P
50 A, VRPower® Integrated Power Stage
25-Aug-14
SIC781CD VISHAY-SIC781CD_V01 Datasheet
284Kb / 14P
50 A, VRPower® Integrated Power Stage
25-Aug-14
More results


Similar Description - SIC781CD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC530 VISHAY-SIC530 Datasheet
378Kb / 17P
30 A VRPower Integrated Power Stage
02-Nov-15
SIC531 VISHAY-SIC531 Datasheet
356Kb / 17P
30 A VRPower Integrated Power Stage
30-Nov-15
SIC631 VISHAY-SIC631 Datasheet
316Kb / 18P
50 A VRPower Integrated Power Stage
27-Jun-16
SIC632 VISHAY-SIC632 Datasheet
322Kb / 19P
50 A VRPower Integrated Power Stage
30-Nov-15
SIC521 VISHAY-SIC521 Datasheet
365Kb / 16P
30 A VRPower® Integrated Power Stage
09-Feb-15
SIC533 VISHAY-SIC533 Datasheet
361Kb / 17P
35 A VRPower® Integrated Power Stage
14-Nov-16
SIC534 VISHAY-SIC534 Datasheet
368Kb / 17P
30 A VRPower® Integrated Power Stage
10-Oct-16
SIC620 VISHAY-SIC620 Datasheet
316Kb / 20P
60 A VRPower Integrated Power Stage
08-Dec-14
SIC620R VISHAY-SIC620R Datasheet
322Kb / 18P
60 A VRPower Integrated Power Stage
03-Nov-14
SIC789 VISHAY-SIC789 Datasheet
310Kb / 19P
60 A VRPower® Integrated Power Stage
08-Dec-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com