Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25H Datasheet (PDF) - STMicroelectronics

LPS25H Datasheet PDF - STMicroelectronics
Part # LPS25H
Download  LPS25H Download
File Size   1141.82 Kbytes
Page   45 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Embedded temperature compensation

LPS25H Datasheet (PDF)

Go To PDF Page Download Datasheet
LPS25H Datasheet PDF - STMicroelectronics

Part # LPS25H
Download  LPS25H Click to download

File Size   1141.82 Kbytes
Page   45 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Embedded temperature compensation

LPS25H Datasheet (HTML) - STMicroelectronics


LPS25H Product details

Description
The LPS25H is an ultra compact absolute piezoresistive pressure sensor. It includes a monolithic sensing element and an IC interface able to take the information from the sensing element and to provide a digital signal to the external world. The sensing element consists of a suspended membrane realized inside a single mono-silicon substrate. It is capable to detect the absolute pressure and is manufactured with a dedicated process developed by ST. The membrane is very small compared to the traditionally built silicon micromachined membranes. Membrane breakage is prevented by an intrinsic mechanical stopper. The IC interface is manufactured using a standard CMOS process that allows a high level of integration to design a dedicated circuit which is trimmed to better match the sensing element characteristics. The LPS25H is available in a cavity holed LGA

Features
■ 260 to 1260 hPa absolute pressure range
■ High-resolution mode: 1 Pa RMS
■ Low power consumption: – Low resolution mode: 4 µA – High resolution mode: 25 µA
■ High overpressure capability: 20x full scale
■ Embedded temperature compensation
■ Embedded 24-bit ADC
■ Selectable ODR from 1 Hz to 25 Hz
■ SPI and I²C interfaces
■ Embedded FIFO
■ Supply voltage: 1.7 to 3.6 V
■ High shock survivability: 10,000 g
■ Small and thin package
■ ECOPACK® lead-free compliant

Applications
■ Altimeter and barometer for portable devices
■ GPS applications
■ Weather station equipment
■ Sport watches




Similar Part No. - LPS25H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LPS25HB STMICROELECTRONICS-LPS25HB Datasheet
1Mb / 40P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
21-May-2015
LPS25HBTR STMICROELECTRONICS-LPS25HBTR Datasheet
1Mb / 40P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
21-May-2015
More results


Similar Description - LPS25H

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8100BF SII-S-8100BF Datasheet
284Kb / 6P
CMOS TEMPERATURE COMPENSATION IC
S-8101A SII-S-8101A Datasheet
284Kb / 6P
CMOS TEMPERATURE COMPENSATION IC
logo
Sanken electric
SAP16N SANKEN-SAP16N Datasheet
36Kb / 1P
Built-in temperature compensation diodes
logo
EPCOS
B57045K0102K000 EPCOS-B57045K0102K000 Datasheet
54Kb / 3P
Temperature compensation (chassis mounting)
logo
List of Unclassifed Man...
TTC05 ETC2-TTC05 Datasheet
2Mb / 5P
Temperature Compensation/Sensing
MF11 ETC2-MF11 Datasheet
246Kb / 2P
Temperature Compensation NTC Thermistor
logo
Maxim Integrated Produc...
MAX78615-LMU MAXIM-MAX78615-LMU Datasheet
810Kb / 63P
Digital Temperature Compensation
Rev 2; 1/15
logo
STMicroelectronics
LPS35HW STMICROELECTRONICS-LPS35HW Datasheet
2Mb / 48P
Embedded temperature compensation
July 2016 Rev 1
LPS225HB STMICROELECTRONICS-LPS225HB Datasheet
1Mb / 47P
Embedded temperature compensation
February 2017 Rev 2
logo
MKS Instruments.
230E MKS-230E Datasheet
137Kb / 2P
Superior temperature compensation
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com