Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25H Datasheet(PDF) 7 Page - STMicroelectronics

Part # LPS25H
Description  Embedded temperature compensation
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25H Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LPS25H Datasheet HTML 3Page - STMicroelectronics LPS25H Datasheet HTML 4Page - STMicroelectronics LPS25H Datasheet HTML 5Page - STMicroelectronics LPS25H Datasheet HTML 6Page - STMicroelectronics LPS25H Datasheet HTML 7Page - STMicroelectronics LPS25H Datasheet HTML 8Page - STMicroelectronics LPS25H Datasheet HTML 9Page - STMicroelectronics LPS25H Datasheet HTML 10Page - STMicroelectronics LPS25H Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
DocID023722 Rev 5
7/45
LPS25H
Mechanical and electrical specifications
45
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
VDD = 2.5 V, T = 25 °C, unless otherwise noted.
Table 3. Mechanical characteristics
Symbol
Parameter
Test condition
Min. Typ.(1)
1. Typical specifications are not guaranteed.
Max.
Unit
Top
Operating temperature range
-30
105
°C
Tfull
Full accuracy temperature
range
080
°C
Pop
Operating pressure range
260
1260
hPa
Pbits
Pressure output data
24
bits
Psens
Pressure sensitivity
4096
LSB/
hPa
Paccrel
Relative accuracy over
pressure(2)
2. Characterization data. Parameter not tested at final test
P = 800 to 1100 hPa
T = 25°C
± 0.1
hPa
PaccT
Absolute accuracy pressure
over temperature(3)
3. Embedded quadratic compensation.
P = 260 to 1260 hPa
T = 20
∼ +60 °C
± 0.2
hPa
P = 260 to 1260 hPa
T = 0
∼ +80 °C
± 1
Pnoise
Pressure noise(4)
4. Pressure noise RMS evaluated in a controlled environment, based on the average standard deviation of 32
measurements at highest ODR.
without embedded
filtering
0.03
hPa
RMS
with embedded
filtering
0.01
Tbits
Temperature output data
16
bits
Tsens
Temperature sensitivity
480
LSB/°C
Tacc
Absolute accuracy temperature T= 0 ~ +65 °C
± 2°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com