Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25H Datasheet(PDF) 36 Page - STMicroelectronics

Part # LPS25H
Description  Embedded temperature compensation
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25H Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LPS25H Datasheet HTML 32Page - STMicroelectronics LPS25H Datasheet HTML 33Page - STMicroelectronics LPS25H Datasheet HTML 34Page - STMicroelectronics LPS25H Datasheet HTML 35Page - STMicroelectronics LPS25H Datasheet HTML 36Page - STMicroelectronics LPS25H Datasheet HTML 37Page - STMicroelectronics LPS25H Datasheet HTML 38Page - STMicroelectronics LPS25H Datasheet HTML 39Page - STMicroelectronics LPS25H Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
Register description
LPS25H
36/45
DocID023722 Rev 5
7.20
THS_P_L
Threshold pressure (LSB)
Address:
30h (R/W)
Reset:
00h
Description:
This register contains the low part of threshold value for pressure interrupt
generation. The complete threshold value is given by THS_P_H & THS_P_L and is
expressed as unsigned number.P_ths (hPa) = (THS_P)/16.
7.21
THS_P_H
Threshold pressure (MSB)
Address:
31h (R/W)
Reset:
00h
Description:
This register contains the high part of threshold value for pressure interrupt
generation.(See description THS_P_L).
7.22
RPDS_L
Pressure offset (LSB)
Address:
39h (R/W)
Reset:
38h
Description:
This register contains the low part of the pressure offset value after soldering,for
differential pressure computing. The complete value is given by RPDS_L & RPDS_H
and is expressed as signed 2 complement value.
76
543
210
THS7
THS6
THS5
THS4
THS3
THS2
THS1
THS0
[7:0] THS7-0: LSB Threshold pressure.
15
14
13
12
11
10
9
8
THS15
THS14
THS13
THS12
THS11
THS10
THS9
THS8
[15:8] THS7-0: MSB Threshold pressure.
7
6
5
432
10
RPDS7
RPDS6
RSPDS5
RPDS4
RPDS3
RPDS2
RPDS1
RPDS0
[7:0] RPDS0-7: Pressure Offset for 1 point calibration after soldering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com