Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25H Datasheet(PDF) 28 Page - STMicroelectronics

Part # LPS25H
Description  Embedded temperature compensation
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25H Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LPS25H Datasheet HTML 24Page - STMicroelectronics LPS25H Datasheet HTML 25Page - STMicroelectronics LPS25H Datasheet HTML 26Page - STMicroelectronics LPS25H Datasheet HTML 27Page - STMicroelectronics LPS25H Datasheet HTML 28Page - STMicroelectronics LPS25H Datasheet HTML 29Page - STMicroelectronics LPS25H Datasheet HTML 30Page - STMicroelectronics LPS25H Datasheet HTML 31Page - STMicroelectronics LPS25H Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
Register description
LPS25H
28/45
DocID023722 Rev 5
ONE_SHOT bit is used to start a new conversion when ODR2..0 bits in CTRL_REG1 are
set to “000”. Write ‘1’ in ONE_SHOT to trigger a single measurement of pressure and
temperature. Once the measurement is done, ONE_SHOT bit will self-clear and the new
data are available in the output registers, and the STATUS_REG bits are updated.
7.8
CTRL_REG3
Interrupt control
Address:
22h (R/W)
Reset:
00h
Description:
Control register.
The device features one fully-programmable interrupt sources (INT1) that can be configured
to trigger different pressure events. Figure 12 shows the block diagram of the interrupt
generation block and output pressure data.
The device may also be configured to generate, through interrupt pins, a Data Ready signal
(Drdy) which indicates when a new measured pressure data is available, thus simplifying
data synchronization in digital systems or to optimize the system power consumption.
76
543
210
INT_H_L
PP_OD
Reserved
INT1_S2
INT1_S1
[7] INT_H_L: Interrupt active high, low. Default value: 0
(0: active high; 1: active low)
[6] PP_OD: Push-pull/open drain selection on interrupt pads. Default value: 0
(0: push-pull; 1: open drain)
[5:2] Reserved
[1:0] INT1_S2, INT1_S1: data signal on INT1 pad control bits. Default value: 00
(see Table 19)
Table 19. Interrupt configurations
INT1_S2
INT1_S1
INT1 pin
0
0
Data signal (see CTRL_REG4)
0
1
Pressure high (P_high)
1
0
Pressure low (P_low)
1
1
Pressure low OR high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com