Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25H Datasheet(PDF) 20 Page - STMicroelectronics

Part # LPS25H
Description  Embedded temperature compensation
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25H Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LPS25H Datasheet HTML 16Page - STMicroelectronics LPS25H Datasheet HTML 17Page - STMicroelectronics LPS25H Datasheet HTML 18Page - STMicroelectronics LPS25H Datasheet HTML 19Page - STMicroelectronics LPS25H Datasheet HTML 20Page - STMicroelectronics LPS25H Datasheet HTML 21Page - STMicroelectronics LPS25H Datasheet HTML 22Page - STMicroelectronics LPS25H Datasheet HTML 23Page - STMicroelectronics LPS25H Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
Register mapping
LPS25H
20/45
DocID023722 Rev 5
6
Register mapping
Table 15 provides a quick overview of the 8-bit registers embedded in the device.
Table 15. Registers address map
Name
Type
Register
address
Default
Function and
comment
Hex
Binary
Reserved (do not modify)
00-07
0D - 0E
Reserved
REF_P_XL
R/W
08
00000000
REF_P_L
R/W
09
00000000
REF_P_H
R/W
0A
00000000
WHO_AM_I
R
0F
10111101
ID register
RES_CONF
R/W
10
00000101
Reserved (Do not modify)
11-1F
Reserved
CTRL_REG1
R/W
20
00000000
CTRL_REG2
R/W
21
00000000
CTRL_REG3
R/W
22
00000000
CTRL_REG4
R/W
23
00000000
INT_CFG
R/W
24
00000000
INT_SOURCE
R
25
00000000
Reserved (Do not modify)
26
Reserved
STATUS_REG
R
27
00000000
PRESS_POUT_XL
R
28
output
PRESS_OUT_L
R
29
output
PRESS_OUT_H
R
2A
output
TEMP_OUT_L
R
2B
output
TEMP_OUT_H
R
2C
output
Reserved (do not modify)
2D
Reserved
FIFO_CTRL
R/W
2E
00000000
FIFO_STATUS
R
2F
00000000
THS_P_L
R/W
30
00000000
THS_P_H
R/W
31
00000000
Reserved
32-38
RPDS_L
R/W
39
00111000
RPDS_H
R/W
3A
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com