Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25H Datasheet(PDF) 35 Page - STMicroelectronics

Part # LPS25H
Description  Embedded temperature compensation
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25H Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LPS25H Datasheet HTML 31Page - STMicroelectronics LPS25H Datasheet HTML 32Page - STMicroelectronics LPS25H Datasheet HTML 33Page - STMicroelectronics LPS25H Datasheet HTML 34Page - STMicroelectronics LPS25H Datasheet HTML 35Page - STMicroelectronics LPS25H Datasheet HTML 36Page - STMicroelectronics LPS25H Datasheet HTML 37Page - STMicroelectronics LPS25H Datasheet HTML 38Page - STMicroelectronics LPS25H Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
DocID023722 Rev 5
35/45
LPS25H
Register description
45
When using the FIFO_MEAN_MODE it is not possible to access the FIFO.
7.19
FIFO_STATUS
FIFO status
Address:
2Fh (R)
Reset:
00h
Description:
FIFO_status
Table 21. FIFO watermark selection
WTM_POINT4..0
FIFO_MEAN_MODE sample size
00001
2 samples moving average
00011
4 samples moving average
00111
8 samples moving average
01111
16 samples moving average
11111
32 samples moving average
76
543
210
WTM_FIFO
FULL_FIFO
EMPTY_FIF
O
DIFF_POINT
4
DIFF_POINT
3
DIFF_POINT
2
DIFF_POINT
1
DIFF_POINT
0
[7] WTM_FIFO: Watermark status
(0: FIFO level lower than watermark level, 1: FIFO is equal or higher than watermark level)
[6] FULL_FIFO: Overrun bit status
(0: FIFO not full,1: FIFO is full)
[5] EMPTY_FIFO: Empty FIFO bit
(0: FIFO not empty, 1: FIFO is empty)
[4:0] DIFF_POINT4-0: FIFO stored data level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com