Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25H Datasheet(PDF) 22 Page - STMicroelectronics

Part # LPS25H
Description  Embedded temperature compensation
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25H Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LPS25H Datasheet HTML 18Page - STMicroelectronics LPS25H Datasheet HTML 19Page - STMicroelectronics LPS25H Datasheet HTML 20Page - STMicroelectronics LPS25H Datasheet HTML 21Page - STMicroelectronics LPS25H Datasheet HTML 22Page - STMicroelectronics LPS25H Datasheet HTML 23Page - STMicroelectronics LPS25H Datasheet HTML 24Page - STMicroelectronics LPS25H Datasheet HTML 25Page - STMicroelectronics LPS25H Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
Register description
LPS25H
22/45
DocID023722 Rev 5
7
Register description
The device contains a set of registers which are used to control its behavior and to retrieve
pressure and temperature data. The register address, made up of 7 bits, is used to identify
them and to read/write the data through the serial interface.
7.1
REF_P_XL
Reference pressure (LSB data)
Address:
08h (R/W)
Reset:
00h
Description:
The REF_P_XL register contains the lowest part of the reference pressure value that
is sum to the sensor output pressure. The full reference pressure value is composed
by REF_P_XL, REF_P_H & REF_P_L and is represented as 2’s complement. The
reference pressure value can also be used to detect a measured pressure beyond
programmed limits (see INT_CFD at 23h), and for Autozero function (see RESET_AZ
bit, at 20h).
76
543
210
REFL7
REFL6
REFL5
REFL4
REFL3
REFL2
REFL1
REFL0
[7:0] REFL7-0: LSB reference pressure data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com