Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25H Datasheet(PDF) 38 Page - STMicroelectronics

Part # LPS25H
Description  Embedded temperature compensation
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25H Datasheet(HTML) 38 Page - STMicroelectronics

Back Button LPS25H Datasheet HTML 34Page - STMicroelectronics LPS25H Datasheet HTML 35Page - STMicroelectronics LPS25H Datasheet HTML 36Page - STMicroelectronics LPS25H Datasheet HTML 37Page - STMicroelectronics LPS25H Datasheet HTML 38Page - STMicroelectronics LPS25H Datasheet HTML 39Page - STMicroelectronics LPS25H Datasheet HTML 40Page - STMicroelectronics LPS25H Datasheet HTML 41Page - STMicroelectronics LPS25H Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
FIFO operating details
LPS25H
38/45
DocID023722 Rev 5
8
FIFO operating details
8.1
FIFO registers
This device embeds a 32-slot x 24 bit FIFO pressure data coming from the PRESS_OUT
(@ 28..2Ah). It allows lower frequency of serial bus transactions and provides more time to
collect all taken measurements. The FIFO can operate in the following modes:
The mode is defined by 3 bits @0x2E: FIFO_CTRL. F_MODE[2:0]
BYPASS MODE [000]
In this mode the FIFO is disabled and stays empty. Pressure is ready directly.
FIFO MODE [001]
All pressure measurement are filling the FIFO. The FIFO content is read by reading the
PRESS_OUT registers @28..2Ah). A watermark interrupt can be enabled (CTRL2.
WTM_EN) which is raised when the FIFO is filled to the level specified in FIFO_CTRL.
WTM_POINT[4:0]. When the FIFO is full, the FIFO stops collecting incoming pressure
measurements.
BYPASS TO STREAM MODE [100]
The FIFO is in BYPASS mode till the trigger event. Then the STREAM MODE starts
FIFO MEAN Mode [110] & FIFO_mean_dec = 0
In this mode, the FIFO is used in STREAM mode and its content can be averaged by HW.
The hardware calculated running (moving) average can be read in PRESS_OUT registers
at anytime. This is used to further reduce the pressure noise at low power.
The number of samples to average is selectable through WTM_POINT[4:0]. See Table 22.
BYPASS to FIFO mode [111]
The FIFO switch from BYPASS to FIFO mode when the event is asserted
Accessing the FIFO data:
FIFO data is read through PRESS_OUT registers. When FIFO is in Stream, Trigger or FIFO
mode, a read operation to the PRESS_OUT registers provide the data stored in the FIFO.
Each time data is read from the FIFO, the oldest entry is placed in the PRESS_OUT
registers and both single read and burst read operation can be used.
Table 22. Running average sample size
WTM_POINT[4:0]
Sample averaged
00001
2
00011
4
00111
8
01111
16
11111
32
others
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com