Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25H Datasheet(PDF) 12 Page - STMicroelectronics

Part # LPS25H
Description  Embedded temperature compensation
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25H Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LPS25H Datasheet HTML 8Page - STMicroelectronics LPS25H Datasheet HTML 9Page - STMicroelectronics LPS25H Datasheet HTML 10Page - STMicroelectronics LPS25H Datasheet HTML 11Page - STMicroelectronics LPS25H Datasheet HTML 12Page - STMicroelectronics LPS25H Datasheet HTML 13Page - STMicroelectronics LPS25H Datasheet HTML 14Page - STMicroelectronics LPS25H Datasheet HTML 15Page - STMicroelectronics LPS25H Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
Functionality
LPS25H
12/45
DocID023722 Rev 5
The FIFO buffer is enabled by setting to 1 the FIFO_EN bit (21h - CTRL_REG2) and can
work accordingly to 4 different modes: bypass mode, FIFO mode, Stream mode and FIFO
Mean mode. Each mode is selected by the FIFO_MODE bits in FIFO_CTRL (2Eh).
Programmable Watermark level WTM_POINT4:0 (FIFO_CTRL register, 2Eh),
EMPTY_FIFO or FULL_FIFO events can be enabled to generate dedicated interrupts on
the INT1 pin (configuration through CTRL3 (22h) and CTRL4 (23h)).
3.4.1
Bypass mode (F_MODE2:0=”000” in FIFO_CTRL (2Eh))
The FIFO is not operational and for this reason it remains empty.
3.4.2
FIFO mode (F_MODE2:0=”001” in FIFO_CTRL (2Eh))
The data from PRESS_OUT_XL (28h), PRESS_OUT_L (29h) and PRESS_OUT_H (2Ah)
are stored in the FIFO.
A Watermark interrupt can be enabled (WTM_EN bit in CTRL2 (21h) in order to be raised
when the FIFO is filled to the level specified in the WTM_POINT4:0 bits of FIFO_CTRL
(2Eh). The FIFO continues filling until it is full (32 slots of data for XL, L and H). When full,
the FIFO stops collecting data from the input pressure data.
3.4.3
Stream mode (F_MODE2:0=”010” in FIFO_CTRL (2Eh))
The data from PRESS_OUT_XL (28h), PRESS_OUT_L (29h) and PRESS_OUT_H (2Ah)
measurements are stored in the FIFO. The FIFO continues filling until it’s full (32 slots of
data for XL, L and H). When full, the FIFO discards the older data as the new arrive. A
Watermark interrupt can be enabled and set as in FIFO mode.
Stream mode is use to implement the digital filter averaging the samples stored in the FIFO
3.4.4
FIFO mean mode (F_MODE2:0=”110” in FIFO_CTRL (2Eh))
The pressure data are not directly sent to the output register but are firstly stored in the
FIFO to calculate the average. The FIFO Mean Mode can be enabled by setting the
FIFO_MEAN_DEC bit (CTRL_REG2, 21h). The number of averaged samples can be set by
changing the watermark in WTM_POINT4:0 bits of FIFO_CTRL (2Eh).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com