Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25H Datasheet(PDF) 43 Page - STMicroelectronics

Part # LPS25H
Description  Embedded temperature compensation
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25H Datasheet(HTML) 43 Page - STMicroelectronics

Back Button LPS25H Datasheet HTML 37Page - STMicroelectronics LPS25H Datasheet HTML 38Page - STMicroelectronics LPS25H Datasheet HTML 39Page - STMicroelectronics LPS25H Datasheet HTML 40Page - STMicroelectronics LPS25H Datasheet HTML 41Page - STMicroelectronics LPS25H Datasheet HTML 42Page - STMicroelectronics LPS25H Datasheet HTML 43Page - STMicroelectronics LPS25H Datasheet HTML 44Page - STMicroelectronics LPS25H Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
DocID023722 Rev 5
43/45
LPS25H
Package mechanical data
45
Table 23. HCLGA-10L (2.5 x 2.5 x 1.0 mm) mechanical data
Symbol
Millimeters
Min.
Typ.
Max.
A
0.90
1.00
1.09
A1
0.00
-
0.05
b
0.25
0.30
0.35
D
2.50 BSC
D2
0.71
0.75
0.79
D3
0.50 BSC
E
2.50 BSC
E2
0.97
1.01
1.05
E3
0.50 BSC
e1
0.60 BSC
e2
1.20 BSC
N10
L
0.41
0.45
0.49
L1
0.083
0.10
0.17
R1
0.20
R2
0.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com