Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25H Datasheet(PDF) 27 Page - STMicroelectronics

Part # LPS25H
Description  Embedded temperature compensation
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25H Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LPS25H Datasheet HTML 23Page - STMicroelectronics LPS25H Datasheet HTML 24Page - STMicroelectronics LPS25H Datasheet HTML 25Page - STMicroelectronics LPS25H Datasheet HTML 26Page - STMicroelectronics LPS25H Datasheet HTML 27Page - STMicroelectronics LPS25H Datasheet HTML 28Page - STMicroelectronics LPS25H Datasheet HTML 29Page - STMicroelectronics LPS25H Datasheet HTML 30Page - STMicroelectronics LPS25H Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
DocID023722 Rev 5
27/45
LPS25H
Register description
45
7.7
CTRL_REG2
Control register 2
Address:
21h (R/W)
Reset:
00h
Description:
Control register.
Description:
BOOT bit is used to refresh the content of the internal registers stored in the Flash memory
block. At the device power-up the content of the Flash memory block is transferred to the
internal registers related to trimming functions to permit a good behavior of the device itself.
If for any reason, the content of the trimming registers is modified, it is sufficient to use this
bit to restore the correct values. When BOOT bit is set to ‘1’ the content of the internal Flash
is copied inside the corresponding internal registers and is used to calibrate the device.
These values are factory trimmed and they are different for every device. They permit good
behavior of the device and normally they should not be changed. At the end of the boot
process the BOOT bit is set again to ‘0’ by hardware. BOOT bit takes effect after one ODR
clock cycle.
SWRESET is the software reset bit. The device is reset to the power on configuration if the
SWRESET bit is set to ‘1’ and BOOT is set to ‘1’.
AUTO_ZERO, when set to ‘1’, the actual pressure output is copied in the REF_P_H &
REF_P_L & REF_P_XL and kept as reference and the PRESS_OUT_H & PRESS_OUT_L
& PRESS _OUT_XL is the difference between this reference and the pressure sensor
value.
7
6
5
4
3
210
BOOT
FIFO_EN
WTM_EN FIFO_MEAN_DEC
0
SWRESET
AUTO_ZERO ONE_SHOT
[7] BOOT: Reboot memory content. Default value: 0
(0: normal mode; 1: reboot memory content) Self-clearing upon completion)
[6] FIFO_EN: FIFO Enable. Default value: 0
(0: disable; 1: enable)
[5] WTM_EN: Enable FIFO Watermark level use. Default value 0
(0: disable; 1: enable)
[4] FIFO_MEAN_DEC: Enable 1Hz ODR decimation
(0: disable; 1 enable)
[3] I²C enable
(0: I2C enable;1: SPI disable)
[2] Software reset. Default value: 0
(0: normal mode; 1: software reset) Self-clearing upon completion)
[1] Autozero enable. Default value: 0
(0: normal mode; 1: autozero enable)
[0] One shot enable. Default value: 0
(0: waiting for start of conversion; 1: start for a new dataset)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com