Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25H Datasheet(PDF) 25 Page - STMicroelectronics

Part # LPS25H
Description  Embedded temperature compensation
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25H Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LPS25H Datasheet HTML 21Page - STMicroelectronics LPS25H Datasheet HTML 22Page - STMicroelectronics LPS25H Datasheet HTML 23Page - STMicroelectronics LPS25H Datasheet HTML 24Page - STMicroelectronics LPS25H Datasheet HTML 25Page - STMicroelectronics LPS25H Datasheet HTML 26Page - STMicroelectronics LPS25H Datasheet HTML 27Page - STMicroelectronics LPS25H Datasheet HTML 28Page - STMicroelectronics LPS25H Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
DocID023722 Rev 5
25/45
LPS25H
Register description
45
7.6
CTRL_REG1
Control register 1
Address:
20h (R/W)
Reset:
00h
Description:
Control register.
PD bit allows to turn on the device. The device is in power-down mode when PD = ‘0’
(default value after boot). The device is active when PD is set to ‘1’.
ODR2- ODR1 - ODR0 bits allow to change the output data rates of pressure and
temperature samples. The default value is “000” which corresponds to “one shot
configuration” for both pressure and temperature output. ODR2, ODR1 and ODR0 bits can
be configured as described in Table 18.
76
543
210
PD
ODR2
ODR1
ODR0
DIFF_EN
BDU
RESET_AZ
SIM
[7] PD: power down control.
Default value: 0
(0: power-down mode; 1: active mode)
[6:4] ODR2, ODR1, ODR0: output data rate selection.
Default value: 00
(see Table 18)
[3] DIFF_EN: Interrupt circuit enable.
Default value: 0
(0: interrupt generation disabled; 1: interrupt circuit enabled)
[2] BDU: block data update.
Default value: 0
(0: continuous update; 1: output registers not updated until MSB and LSB reading)
[1] RESET_AZ: Reset AutoZero function. Reset REF_P reg, set pressure to default value in RPDS
register (@0x39/A)
(1: Reset. 0: disable)
[0] SIM: SPI Serial Interface Mode selection.
Default value: 0
(0: 4-wire interface; 1: 3-wire interface)
Table 18. Output data rate bit configurations
ODR2
ODR1
ODR0
Pressure (Hz)
Temperature (Hz)
0
0
0
One shot
001
1 Hz
1 Hz
010
7 Hz
7 Hz
0
1
1
12.5 Hz
12.5 Hz
1
0
0
25 Hz
25 Hz
101
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com