Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25H Datasheet(PDF) 34 Page - STMicroelectronics

Part # LPS25H
Description  Embedded temperature compensation
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25H Datasheet(HTML) 34 Page - STMicroelectronics

Back Button LPS25H Datasheet HTML 30Page - STMicroelectronics LPS25H Datasheet HTML 31Page - STMicroelectronics LPS25H Datasheet HTML 32Page - STMicroelectronics LPS25H Datasheet HTML 33Page - STMicroelectronics LPS25H Datasheet HTML 34Page - STMicroelectronics LPS25H Datasheet HTML 35Page - STMicroelectronics LPS25H Datasheet HTML 36Page - STMicroelectronics LPS25H Datasheet HTML 37Page - STMicroelectronics LPS25H Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
Register description
LPS25H
34/45
DocID023722 Rev 5
7.17
TEMP_OUT_H
Temperature data (MSB)
Address:
2Ch (R)
Description:
The TEMP_OUT_H register contains the high part of the temperature output
value.(See description TEMP_OUT_L).
7.18
FIFO_CTRL
FIFO control
Address:
2Eh (R/W)
Reset:
00h
Description:
The FIFO_CTRL registers allows to control the FIFO functionality.
FIFO_MEAN_MODE: The FIFO can be used for implementing a HW moving average on the
pressure measurements. The number of samples of the moving average can be 2, 4, 8, 16
or 32 samples, by selecting the watermark levels as per Table 21. Different configuration are
not guaranteed
.
15
14
13
12
11
10
9
8
TOUT14
TOUT14
TOUT13
TOUT12
TOUT11
TOUT10
TOUT9
TOUT8
[15:8] TOUT15 - TOUT8: Pressure data
7654
321
0
F_MODE2
F_MODE1
F_MODE1
WTM_POIN
T4
WTM_POIN
T3
WTM_POIN
T2
WTM_POIN
T1
WTM_POIN
T0
[7:5] F_MODE2-0: FIFO mode selection.See Table 22.
[4:0] WTM_POINT4-0 : FIFO threshold.Watermark level setting. See Table 23.
Table 20. FIFO mode selection
F_MODE2
F_MODE1
F_MODE0
FIFO mode
0
0
0
BYPASS MODE
0
0
1
FIFO MODE. Stops collecting data when full
0
1
0
STREAM MODE: Keep the newest measurements in the FIFO
0
1
1
STREAM MODE until trigger deasserted, then change to FIFO MODE
1
0
0
BYPASS MODE until trigger deasserted, then change to STREAM MODE
1
0
1
Reserved for future use
11
0
FIFO_MEAN MODE: FIFO is used to generate a running average filtered
pressure
1
1
1
BYPASS mode until trigger deasserted, then change to FIFO MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com