Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25H Datasheet(PDF) 23 Page - STMicroelectronics

Part # LPS25H
Description  Embedded temperature compensation
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25H Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LPS25H Datasheet HTML 19Page - STMicroelectronics LPS25H Datasheet HTML 20Page - STMicroelectronics LPS25H Datasheet HTML 21Page - STMicroelectronics LPS25H Datasheet HTML 22Page - STMicroelectronics LPS25H Datasheet HTML 23Page - STMicroelectronics LPS25H Datasheet HTML 24Page - STMicroelectronics LPS25H Datasheet HTML 25Page - STMicroelectronics LPS25H Datasheet HTML 26Page - STMicroelectronics LPS25H Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
DocID023722 Rev 5
23/45
LPS25H
Register description
45
7.2
REF_P_L
Reference pressure (middle part)
Address:
09h (R/W)
Reset:
00h
Description:
The REF_P_L register contains the middle part of the reference pressure value that is
sum to the sensor output pressure. (See REF_P_XL description).
7.3
REF_P_H
Reference pressure (MSB data)
Address:
0Ah (R/W)
Reset:
00h
Description:
The REF_P_H register contains the highest part of the reference pressure value that
is sum to the sensor output pressure.(See description REF_P_XL).
7.4
WHO_AM_I
Device identification
Address:
0Fh (R)
Description:
Contains the device ID, BDh
15
14
13
12
11
10
9
8
REFL15
REFL14
REFL13
REFL12
REFL11
REFL10
REFL9
REFL8
[15:8] REFL15-8:Middle part reference pressure data
23
22
21
20
19
18
17
16
REFL23
REFL22
REFL21
REFL20
REFL19
REFL18
REFL17
REFL16
[23:16] REFL23-16: MSB reference pressure data.
76
543
210
10
111
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com