Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25H Datasheet(PDF) 13 Page - STMicroelectronics

Part # LPS25H
Description  Embedded temperature compensation
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25H Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LPS25H Datasheet HTML 9Page - STMicroelectronics LPS25H Datasheet HTML 10Page - STMicroelectronics LPS25H Datasheet HTML 11Page - STMicroelectronics LPS25H Datasheet HTML 12Page - STMicroelectronics LPS25H Datasheet HTML 13Page - STMicroelectronics LPS25H Datasheet HTML 14Page - STMicroelectronics LPS25H Datasheet HTML 15Page - STMicroelectronics LPS25H Datasheet HTML 16Page - STMicroelectronics LPS25H Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
DocID023722 Rev 5
13/45
LPS25H
Application hints
45
4
Application hints
Figure 5. LPS25H electrical connection
The device core is supplied through the VDD line. Power supply decoupling capacitors
(100 nF, 4.7 µF) should be placed as near as possible to the supply pad of the device
(common design practice).
The functionality of the device and the measured data outputs are selectable and accessible
through the I²C/SPI interface. When using the I²C, CS must be tied high (i.e. connected to
VDD_IO).
4.1
Soldering information
The HCLGA package is compliant with the ECOPACK® standard and it is qualified for
soldering heat resistance according to JEDEC J-STD-020.
1
6
2
3
4
5
7
8
9
10
TOP VIEW
INT 1
CS
VDD_IO
SCL/SPC
GND
VDD
GND
VDD
GND
C1
C2
4.7 µF
100 µF
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com