Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25H Datasheet(PDF) 24 Page - STMicroelectronics

Part # LPS25H
Description  Embedded temperature compensation
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25H Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LPS25H Datasheet HTML 20Page - STMicroelectronics LPS25H Datasheet HTML 21Page - STMicroelectronics LPS25H Datasheet HTML 22Page - STMicroelectronics LPS25H Datasheet HTML 23Page - STMicroelectronics LPS25H Datasheet HTML 24Page - STMicroelectronics LPS25H Datasheet HTML 25Page - STMicroelectronics LPS25H Datasheet HTML 26Page - STMicroelectronics LPS25H Datasheet HTML 27Page - STMicroelectronics LPS25H Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
Register description
LPS25H
24/45
DocID023722 Rev 5
7.5
RES_CONF
Pressure and temperature resolution mode
Address:
10h (R/W)
Reset:
05h
Description:
Pressure and temperature internal average configuration.
7654
321
0
Reserved
AVGT1
AVGT0
AVGP1
AVGP0
[7:4] Reserved
[3:2] AVGP1-0: select the pressure internal average. See Table 16.
[1:0]
AVGT1-0: select the temperature internal average. See Table 17.
Table 16. Pressure resolution configuration
AVGP1
AVGP0
N. internal average
008
01
32
10
128
11
512
Table 17. Temperature resolution configuration
AVGT1
AVGT0
N. internal average
008
01
16
10
32
11
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com