Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25H Datasheet(PDF) 29 Page - STMicroelectronics

Part # LPS25H
Description  Embedded temperature compensation
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25H Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LPS25H Datasheet HTML 25Page - STMicroelectronics LPS25H Datasheet HTML 26Page - STMicroelectronics LPS25H Datasheet HTML 27Page - STMicroelectronics LPS25H Datasheet HTML 28Page - STMicroelectronics LPS25H Datasheet HTML 29Page - STMicroelectronics LPS25H Datasheet HTML 30Page - STMicroelectronics LPS25H Datasheet HTML 31Page - STMicroelectronics LPS25H Datasheet HTML 32Page - STMicroelectronics LPS25H Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
DocID023722 Rev 5
29/45
LPS25H
Register description
45
Figure 12. Interrupt generation block and output pressure data
7.9
CTRL_REG4
Interrupt configuration
Address:
23h (R/W)
Reset:
00h
Description:
INT1 Interrupt pins configuration.
76
543
210
0
0
0
0
P1_EMPTY
P1_WTM
P1_Overrun
P1_DRDY
AM08738V1
High press int
Low press int
Press Threshold
Reference Press
Press Threshold
Positive
Negative
Sensor output pressure
PRESS_OUT_H & PRESS_OUT_L & PRESS_OUT_XL
Reference Pressure
REF_P_H & REF_P_L & REF_P_XL
+
-
Pressure Threshold
THS_P_H & THS_P_L
-
+
-
+
-1
Low Press Interrupt
PL
High Press Interrupt
PH
[7:4] Reserved: keep these bits at 0
[3] P1_EMPTY: Empty signal on INT1 pin
[2] P1_WTM: Watermark signal on INT1 pin
[1] P1_OVERRUN: Overrun signal on INT1 pin
[0] P1_DRDY: Data ready signal on INT1 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com