Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25H Datasheet(PDF) 40 Page - STMicroelectronics

Part # LPS25H
Description  Embedded temperature compensation
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25H Datasheet(HTML) 40 Page - STMicroelectronics

Back Button LPS25H Datasheet HTML 36Page - STMicroelectronics LPS25H Datasheet HTML 37Page - STMicroelectronics LPS25H Datasheet HTML 38Page - STMicroelectronics LPS25H Datasheet HTML 39Page - STMicroelectronics LPS25H Datasheet HTML 40Page - STMicroelectronics LPS25H Datasheet HTML 41Page - STMicroelectronics LPS25H Datasheet HTML 42Page - STMicroelectronics LPS25H Datasheet HTML 43Page - STMicroelectronics LPS25H Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
Hardware digital filter
LPS25H
40/45
DocID023722 Rev 5
9
Hardware digital filter
An embedded digital filter is activated by selecting the FIFO_MEAN_MODE and
WTM_POINT (FIFO_CTRL(2Eh)) and activating the FIFO_EN.
The digital filter reduces the pressure noise level to 0.010 hPa rms (1pa at 1 sigma) and
allows to reduce the internal ADC HW average reducing the power consumption keeping
the same pressure noise level.
Figure 13. Hardware digital filter
9.1
Filter enabling and suggested configuration
To reduce the internal pressure and temperature average the configuration below can be
used:
RES_CONF (10h) = 05h
FIFO_CTRL (2Eh) = C0
CTRL_REG2 (21h) = 40h
In this way, the power consumption at 1 Hz is reduced from 25 µA (typical) to 4.5 µA (typical)
with a pressure noise of 0.01 hPa rms
Te m peratu re
Se n so r
AF E
ADC
Qu a d ra tic
Te m p eratu re
co m p e n sa tio n
t
P
F
I
F
O
A verage
1H z
FIFO _M EN _D EC
FIFO M O D E
FIFO _EN
PR ESS_O U T _XL
PR ESS_O U T _L
PR ESS_O U T _H
Voltage
R ef erenc e
A n alo g b lo cks
Te m p e ratu re
co m p e ns atio n
C om pensation
C oeffic ients
Memory
Em b e d de d
filte r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com