Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25H Datasheet(PDF) 31 Page - STMicroelectronics

Part # LPS25H
Description  Embedded temperature compensation
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25H Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LPS25H Datasheet HTML 27Page - STMicroelectronics LPS25H Datasheet HTML 28Page - STMicroelectronics LPS25H Datasheet HTML 29Page - STMicroelectronics LPS25H Datasheet HTML 30Page - STMicroelectronics LPS25H Datasheet HTML 31Page - STMicroelectronics LPS25H Datasheet HTML 32Page - STMicroelectronics LPS25H Datasheet HTML 33Page - STMicroelectronics LPS25H Datasheet HTML 34Page - STMicroelectronics LPS25H Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
DocID023722 Rev 5
31/45
LPS25H
Register description
45
7.11
INT_SOURCE
Interrupt source
Address:
25h (R)
Reset:
00h
Description:
INT_SOURCE register is cleared by reading it
7.12
STATUS_REG
Status register
Address:
27h (R)
Reset:
00h
Description:
This register is updated every ODR cycle, regardless of BDU value in CTRL_REG1.
P_DA is set to 1 whenever a new pressure sample is available. P_DA is cleared
when PRESS_OUT_H (2Ah) register is read.
T_DA is set to 1 whenever a new temperature sample is available. T_DA is cleared
when TEMP_OUT_H (2Ch) register is read.
P_OR bit is set to '1' whenever new pressure data is available and P_DA was set in
the previous ODR cycle and not cleared. P_OR is cleared when PRESS_OUT_H
(2Ah) register is read.
T_OR is set to ‘1’ whenever new temperature data is available and T_DA was set in
the previous ODR cycle and not cleared. T_OR is cleared when TEMP_OUT_H (2Ch)
register is read.
76
543
210
00
000
IA
PL
PH
[7:3] Reserved: keep these bits at 0
[2] IA: Interrupt Active.
(0: no interrupt has been generated; 1: one or more interrupt events have been generated).
[1] PL: Differential pressure Low.
(0: no interrupt has been generated; 1: Low differential pressure event has occurred).
[0] PH: Differential pressure High.
(0: no interrupt has been generated; 1: High differential pressure event has occurred).
76
543
210
RES
P_OR
T_OR
RES
P_DA
T_DA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com