Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS25H Datasheet(PDF) 33 Page - STMicroelectronics

Part # LPS25H
Description  Embedded temperature compensation
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25H Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LPS25H Datasheet HTML 29Page - STMicroelectronics LPS25H Datasheet HTML 30Page - STMicroelectronics LPS25H Datasheet HTML 31Page - STMicroelectronics LPS25H Datasheet HTML 32Page - STMicroelectronics LPS25H Datasheet HTML 33Page - STMicroelectronics LPS25H Datasheet HTML 34Page - STMicroelectronics LPS25H Datasheet HTML 35Page - STMicroelectronics LPS25H Datasheet HTML 36Page - STMicroelectronics LPS25H Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
DocID023722 Rev 5
33/45
LPS25H
Register description
45
7.14
PRESS_OUT_L
Pressure data (MSB)
Address:
29h (R)
Description:
The PRESS_OUT_L register contains the middle part of the pressure output
value.(See description PRESS_OUT_XL).
7.15
PRESS_OUT_H
Pressure data (MSB)
Address:
2Ah (R)
Description:
The PRESS_OUT_H register contains the highest part of the pressure output
value.(See description PRESS_OUT_XL).
7.16
TEMP_OUT_L
Temperature data (LSB)
Address:
2Bh (R)
Description:
The TEMP_OUT_L register contains the low part of the temperature output
value.Temperature data are expressed as TEMP_OUT_H & TEMP_OUT_L as 2’s
complement numbers. Temperature output data:
T(°C) = 42.5 + (TEMP_OUT / 480)
If TEMP_OUT = 0 LSB then Temperature is 42.5 °C
15
14
13
12
11
10
9
8
POUT15
POUT14
POUT13
POUT12
POUT11
POUT10
POUT9
POUT8
[15:8] POUT15 - POUT8: Pressure data
24
23
22
21
20
19
18
17
POUT23
POUT22
POUT21
POUT20
POUT19
POUT18
POUT17
POUT16
[24:17] POUT23 - POUT16: Pressure data MSB
7654
321
0
TOUT7
TOUT6
TOUT5
TOUT4
TOUT3
TOUT2
TOUT1
TOUT0
[7:0] TOUT7 - TOUT0: temperature data LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com