Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP616 Datasheet (PDF) - Microchip Technology

MCP616 Datasheet PDF - Microchip Technology
Part # MCP616
Download  MCP616 Download
File Size   580.56 Kbytes
Page   36 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2.3V TO 5.5V MICROPOWER BI - CMOS OP AMPS

MCP616 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP616 Datasheet PDF - Microchip Technology

Part # MCP616
Download  MCP616 Click to download

File Size   580.56 Kbytes
Page   36 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2.3V TO 5.5V MICROPOWER BI - CMOS OP AMPS

MCP616 Datasheet (HTML) - Microchip Technology


MCP616 Product details

Description
The MCP616/7/8/9 family of operational amplifiers (op amps) from Microchip Technology Inc. are capable of precision, low-power, single-supply operation. These op amps are unity-gain stable, have low input offset voltage (±150 µV, maximum), rail-to-rail output swing and low input offset current (0.3 nA, typical). These features make this family of op amps well suited for battery-powered applications.
The single MCP616, the single MCP618 with Chip Select (CS) and the dual MCP617 are all available in standard 8-lead PDIP, SOIC and MSOP packages. The quad MCP619 is offered in standard 14-lead PDIP, SOIC and TSSOP packages. All devices are fully specified from -40°C to +85°C, with power supplies from 2.3V to 5.5V.

Features
• Low Input Offset Voltage: ±150 µV (maximum)
• Low Noise: 2.2 µVP-P (typical, 0.1 Hz to 10 Hz)
• Rail-to-Rail Output
• Low Input Offset Current: 0.3 nA (typical)
• Low Quiescent Current: 25 µA (maximum)
• Power Supply Voltage: 2.3V to 5.5V
• Unity Gain Stable
• Chip Select (CS) Capability: MCP618
• Industrial Temperature Range: -40°C to +85°C
• No Phase Reversal
• Available in Single, Dual and Quad Packages

Typical Applications
• Battery Power Instruments
• Weight Scales
• Strain Gauges
• Medical Instruments
• Test Equipment




Similar Part No. - MCP616

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP616 MICROCHIP-MCP616 Datasheet
522Kb / 30P
2.3V to 5.5V Micropower Bi-CMOS Op Amps
2005
MCP616 MICROCHIP-MCP616 Datasheet
668Kb / 38P
2.3V to 5.5V Micropower Bi-CMOS Op Amps
2008
MCP616-I/MS MICROCHIP-MCP616-I/MS Datasheet
668Kb / 38P
2.3V to 5.5V Micropower Bi-CMOS Op Amps
2008
MCP616-I/P MICROCHIP-MCP616-I/P Datasheet
668Kb / 38P
2.3V to 5.5V Micropower Bi-CMOS Op Amps
2008
MCP616-I/SL MICROCHIP-MCP616-I/SL Datasheet
668Kb / 38P
2.3V to 5.5V Micropower Bi-CMOS Op Amps
2008
More results


Similar Description - MCP616

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP601 MICROCHIP-MCP601 Datasheet
448Kb / 20P
2.7V to 5.5V Single Supply CMOS Op Amps
2007
MCP601 MICROCHIP-MCP601_04 Datasheet
585Kb / 28P
2.7V to 5.5V Single-Supply CMOS Op Amps
2004
MCP606 MICROCHIP-MCP606_05 Datasheet
510Kb / 30P
2.5V TO 5.5V MICROPOWER CMOS OP AMPS
2005
MCP616 MICROCHIP-MCP616_05 Datasheet
522Kb / 30P
2.3V to 5.5V Micropower Bi-CMOS Op Amps
2005
MCP606 MICROCHIP-MCP606_09 Datasheet
720Kb / 42P
2.5V to 6.0V Micropower CMOS Op Amp
2009
MCP616 MICROCHIP-MCP616_08 Datasheet
668Kb / 38P
2.3V to 5.5V Micropower Bi-CMOS Op Amps
2008
MCP609-I MICROCHIP-MCP609-I Datasheet
720Kb / 42P
2.5V to 6.0V Micropower CMOS Op Amp
03/26/09
MCP607-I MICROCHIP-MCP607-I Datasheet
480Kb / 32P
2.5V to 6.0V Micropower CMOS Op Amp
01/02/08
MCP606 MICROCHIP-MCP606 Datasheet
709Kb / 36P
2.5V TO 5.5V MICROPOWER CMOS OP AMPS
06/01/01
logo
Maxim Integrated Produc...
MAX6078EVKIT MAXIM-MAX6078EVKIT Datasheet
589Kb / 6P
2.3V to 5.5V Input Supply Range
Rev 0; 6/19
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com