Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP606 Datasheet (PDF) - Microchip Technology

MCP606 Datasheet PDF - Microchip Technology
Part # MCP606
Download  MCP606 Download
File Size   709.78 Kbytes
Page   36 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2.5V TO 5.5V MICROPOWER CMOS OP AMPS

MCP606 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP606 Datasheet PDF - Microchip Technology

Part # MCP606
Download  MCP606 Click to download

File Size   709.78 Kbytes
Page   36 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2.5V TO 5.5V MICROPOWER CMOS OP AMPS

MCP606 Datasheet (HTML) - Microchip Technology


MCP606 Product details

Description
The MCP606/7/8/9 family of operational amplifiers (op amps) from Microchip Technology Inc. are unity-gain stable with low offset voltage (250 µV, max.). Performance characteristics include rail-to-rail output swing capability and low input bias current (80 pA at +85°C, max.). These features make this family of op amps well suited for single-supply, precision, highimpedance, battery-powered applications.

Features
• Low Input Offset Voltage: 250 µV (max.)
• Rail-to-Rail Output
• Low Input Bias Current: 80 pA (max. at 85°C)
• Low Quiescent Current: 25 µA (max.)
• Power Supply Voltage: 2.5V to 5.5V
• Unity-Gain Stable
• Chip Select (CS) Capability: MCP608
• Industrial Temperature Range: -40°C to +85°C
• No Phase Reversal
• Available in Single, Dual and Quad Packages

Typical Applications
• Battery Power Instruments
• High-Impedance Applications
   - Photodiode Amplifier
   - pH Probe Buffer Amplifier
   - Infrared Detectors
   - Precision Integrators
   - Charge Amplifier for Piezoelectric
      Transducers
• Strain Gauges
• Medical Instruments
• Test Equipment




Similar Part No. - MCP606

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP606 MICROCHIP-MCP606 Datasheet
720Kb / 42P
2.5V to 6.0V Micropower CMOS Op Amp
2009
MCP606 MICROCHIP-MCP606 Datasheet
480Kb / 32P
2.5V to 6.0V Micropower CMOS Op Amp
01/02/08
MCP606 MICROCHIP-MCP606 Datasheet
480Kb / 32P
2.5V to 6.0V Micropower CMOS Op Amp
01/02/08
MCP606-I/P MICROCHIP-MCP606-I/P Datasheet
720Kb / 42P
2.5V to 6.0V Micropower CMOS Op Amp
2009
MCP606-I/P MICROCHIP-MCP606-I/P Datasheet
720Kb / 42P
2.5V to 6.0V Micropower CMOS Op Amp
03/26/09
More results


Similar Description - MCP606

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP601 MICROCHIP-MCP601 Datasheet
448Kb / 20P
2.7V to 5.5V Single Supply CMOS Op Amps
2007
MCP616 MICROCHIP-MCP616 Datasheet
580Kb / 36P
2.3V TO 5.5V MICROPOWER BI - CMOS OP AMPS
2001
MCP601 MICROCHIP-MCP601_04 Datasheet
585Kb / 28P
2.7V to 5.5V Single-Supply CMOS Op Amps
2004
MCP606 MICROCHIP-MCP606_05 Datasheet
510Kb / 30P
2.5V TO 5.5V MICROPOWER CMOS OP AMPS
2005
MCP616 MICROCHIP-MCP616_05 Datasheet
522Kb / 30P
2.3V to 5.5V Micropower Bi-CMOS Op Amps
2005
MCP606 MICROCHIP-MCP606_09 Datasheet
720Kb / 42P
2.5V to 6.0V Micropower CMOS Op Amp
2009
MCP616 MICROCHIP-MCP616_08 Datasheet
668Kb / 38P
2.3V to 5.5V Micropower Bi-CMOS Op Amps
2008
MCP609-I MICROCHIP-MCP609-I Datasheet
720Kb / 42P
2.5V to 6.0V Micropower CMOS Op Amp
03/26/09
MCP607-I MICROCHIP-MCP607-I Datasheet
480Kb / 32P
2.5V to 6.0V Micropower CMOS Op Amp
01/02/08
MCP607-I MICROCHIP-MCP607-I Datasheet
480Kb / 32P
2.5V to 6.0V Micropower CMOS Op Amp
01/02/08
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com