Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM3241G-EVAL Datasheet (PDF) - STMicroelectronics

STM3241G-EVAL Datasheet PDF - STMicroelectronics
Part # STM3241G-EVAL
Download  STM3241G-EVAL Download
File Size   211.11 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Evaluation board with STM32F417IGH6 MCU

STM3241G-EVAL Datasheet (PDF)

Go To PDF Page Download Datasheet
STM3241G-EVAL Datasheet PDF - STMicroelectronics

Part # STM3241G-EVAL
Download  STM3241G-EVAL Click to download

File Size   211.11 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Evaluation board with STM32F417IGH6 MCU

STM3241G-EVAL Datasheet (HTML) - STMicroelectronics


STM3241G-EVAL Product details

Description
The STM3241G-EVAL evaluation board is a complete demonstration and development platform for the STM32F417IGH6 high-performance 32-bit microcontroller with ARM® Cortex®-M4F processor with a cryptographic acceleration cell. The full range of hardware features on the board helps users to evaluate all the peripherals (USB-OTG HS, USB-OTG FS, Ethernet, motor-control, CAN, microSD™-card, smartcard, USART, audio-DAC, RS-232, IrDA (up to board MB786 C-07), SRAM, ST-MEMS, EEPROM and others) and to develop applications. The in-circuit ST-LINK/V2 tool can easily be used for JTAG and SWD interface debugging and programming.

Features
■ STM32F417IGH6 microcontroller
■ 16-Mbit SRAM
■ microSD™ memory-card slot (card provided)
■ Boot from user Flash, system memory or SRAM
■ ISO/IEC 14443 smartcard Type-A and Type-B support
■ I2C-bus interface for compatible 64-Kbit EEPROMs, ST MEMSs and I/O expanders
■ IEEE 802.3-2002 compliant Ethernet connector
■ Two CAN-2.0 A/B channels on the same D-subminiature connector
■ RS-232 communications
■ IrDA transceiver (up to board version MB786 C-07)
■ USB-OTG (HS and FS) ports with Micro-AB connectors
■ Induction-motor control connector
■ I2S Audio DAC, stereo audio jack for headset
■ 3.2" 240x320 TFT color LCD with touch screen
■ 4 colored LEDs
■ Camera module and extension connector for ST-camera plug-in
■ Joystick with 4-direction control and selector
■ Reset, wakeup, tamper and user button
■ RTC with backup battery
■ Extension connector for daughterboard or wire-wrap board
■ JTAG, SW and trace debug support
■ Embedded ST-LINK/V2
■ Five options for 5-V power supply: power jack, USB-FS connector, USB-HS connector, via ST-LINK/V2 or daughterboard 1. Picture is not contractual.




Similar Part No. - STM3241G-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM3240G-EVAL STMICROELECTRONICS-STM3240G-EVAL Datasheet
186Kb / 3P
STM3240G-EVAL evaluation board
15-Sep-2011
STM3240G-JAVA STMICROELECTRONICS-STM3240G-JAVA Datasheet
190Kb / 3P
STM32 F4 series Java evaluation kit
January 2013 Rev 2
STM3240G-SK STMICROELECTRONICS-STM3240G-SK Datasheet
201Kb / 3P
IAR??starter kit for STM32F4 series 32-bit microcontrollers
24-Nov-2011
STM3240GPRIM-D STMICROELECTRONICS-STM3240GPRIM-D Datasheet
265Kb / 7P
Raisonance STM32 and STM8 Primers for fun, easy evaluation and development with STM32 and STM8
14-Oct-2013
STM3240GPRIMER STMICROELECTRONICS-STM3240GPRIMER Datasheet
265Kb / 7P
Raisonance STM32 and STM8 Primers for fun, easy evaluation and development with STM32 and STM8
14-Oct-2013
More results


Similar Description - STM3241G-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-SPIN3201 STMICROELECTRONICS-STEVAL-SPIN3201 Datasheet
235Kb / 3P
Advanced BLDC controller with embedded STM32 MCU evaluation board
27-Oct-2016
STM32072B-EVAL STMICROELECTRONICS-STM32072B-EVAL Datasheet
293Kb / 3P
Evaluation board for STM32 F0 series with STM32F072VB MCU
January 2014 Rev 1
STM32439I-EVAL STMICROELECTRONICS-STM32439I-EVAL Datasheet
258Kb / 3P
Evaluation board with STM32F439NI MCU
February 2015 Rev 2
STM32756G-EVAL STMICROELECTRONICS-STM32756G-EVAL Datasheet
257Kb / 4P
Evaluation board with STM32F756NG MCU
April 2015 Rev 1
UM1817 STMICROELECTRONICS-UM1817 Datasheet
1Mb / 58P
Evaluation board with STM32F091VC MCU
20-Jun-2016
UM1871 STMICROELECTRONICS-UM1871 Datasheet
1Mb / 64P
Evaluation board with STM32F446ZE MCU
27-Oct-2015
STM32F769I-EVAL STMICROELECTRONICS-STM32F769I-EVAL Datasheet
309Kb / 4P
Evaluation board with STM32F769NI MCU
20-Apr-2016
STM32F779I-EVAL STMICROELECTRONICS-STM32F779I-EVAL Datasheet
311Kb / 4P
Evaluation board with STM32F779NI MCU
20-Apr-2016
STM32G474E-EVAL STMICROELECTRONICS-STM32G474E-EVAL Datasheet
6Mb / 6P
Evaluation board with STM32G4xxQE MCU
29-Jan-2019
STM32L552E-EV STMICROELECTRONICS-STM32L552E-EV Datasheet
2Mb / 6P
Evaluation board with STM32L552ZE MCU
March 2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com