Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32072B-EVAL Datasheet (PDF) - STMicroelectronics

STM32072B-EVAL Datasheet PDF - STMicroelectronics
Part # STM32072B-EVAL
Download  STM32072B-EVAL Download
File Size   293.18 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Evaluation board for STM32 F0 series with STM32F072VB MCU

STM32072B-EVAL Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32072B-EVAL Datasheet PDF - STMicroelectronics

Part # STM32072B-EVAL
Download  STM32072B-EVAL Click to download

File Size   293.18 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Evaluation board for STM32 F0 series with STM32F072VB MCU

STM32072B-EVAL Datasheet (HTML) - STMicroelectronics


STM32072B-EVAL Product details

Description
The STM32072B-EVAL evaluation board is designed as complete demonstration and development platform for STMicroelectronics ARM cortex-M0 core-based STM32F072VBT6 microcontroller with two I2C, two SPI, four USART, one CAN, 12-bit ADC, 12-bit DAC, two GP comparators, internal 16KB SRAM and 128KB Flash, USB FS, Touch sensing, CEC, SWD debugging support. The full range of hardware features on the board is designed for the evaluation of all the peripherals and the development of user-specific applications. Extension headers are used to easily connect a daughter board or a wrapping board for user-specific applications. The ST-LINK/V2 is integrated on the board as embedded in-circuit debugger and programmer for the STM32 MCU.

Features
■ Four 5 V power supply options: power jack, ST- LINK/V2 USB connector, user USB connector or daughter board
■ Stereo audio jack which supports a headset with microphone connected to DAC and ADC of STM32F072VBT6.
■ 2G Byte (or more) SPI interface MicroSD card
■ I2C compatible serial interface temperature sensor
■ RF E2PROM
■ RS232 and RS485 communication
■ IrDA transceiver
■ IR LED and IR receiver
■ SWD debug support, ST-LINK/V2 embedded
■ 240x320 TFT color LCD connected to SPI interface of STM32F072VBT6
■ Joystick with 4-direction control and selector
■ Reset and tamper buttons
■ Four color user LEDs and two LEDs as MCU low power alarm
■ Extension connector for daughter board or wrapping board
■ MCU voltage choice fixed 3.3 V or adjustable from 1.65 V to 3.6 V
■ USB full-speed connector
■ Touch sensing buttons
■ RTC with backup battery
■ CAN2.0A/B compliant connector
■ Light Dependent Resistor (LDR)
■ Potentiometer
■ Two HDMI connectors with DDC and CEC
■ Smart Card slot
■ Motor control connector




Similar Part No. - STM32072B-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32072B-EVAL STMICROELECTRONICS-STM32072B-EVAL Datasheet
3Mb / 26P
STM32 development boards
More results


Similar Description - STM32072B-EVAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1525 STMICROELECTRONICS-UM1525 Datasheet
2Mb / 41P
Discovery kit for STM32 F0 microcontrollers
30-May-2012
STEVAL-SPIN3201 STMICROELECTRONICS-STEVAL-SPIN3201 Datasheet
235Kb / 3P
Advanced BLDC controller with embedded STM32 MCU evaluation board
27-Oct-2016
STM3241G-EVAL STMICROELECTRONICS-STM3241G-EVAL Datasheet
211Kb / 4P
Evaluation board with STM32F417IGH6 MCU
December 2016 Rev 2
STM32439I-EVAL STMICROELECTRONICS-STM32439I-EVAL Datasheet
258Kb / 3P
Evaluation board with STM32F439NI MCU
February 2015 Rev 2
STM32756G-EVAL STMICROELECTRONICS-STM32756G-EVAL Datasheet
257Kb / 4P
Evaluation board with STM32F756NG MCU
April 2015 Rev 1
UM1817 STMICROELECTRONICS-UM1817 Datasheet
1Mb / 58P
Evaluation board with STM32F091VC MCU
20-Jun-2016
UM1871 STMICROELECTRONICS-UM1871 Datasheet
1Mb / 64P
Evaluation board with STM32F446ZE MCU
27-Oct-2015
STM32F769I-EVAL STMICROELECTRONICS-STM32F769I-EVAL Datasheet
309Kb / 4P
Evaluation board with STM32F769NI MCU
20-Apr-2016
STM32F779I-EVAL STMICROELECTRONICS-STM32F779I-EVAL Datasheet
311Kb / 4P
Evaluation board with STM32F779NI MCU
20-Apr-2016
STM32L552E-EV STMICROELECTRONICS-STM32L552E-EV Datasheet
2Mb / 6P
Evaluation board with STM32L552ZE MCU
March 2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com